Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS03-15B03SR2S Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LS03-15B03SR2S
Description  3W, AC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-15B03SR2S Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LS03-15B03SR2S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LS03-15B03SR2S Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC/DC Converter
LS03-15BxxSR2S(-F) Series
2015.03.17-A/2
Page 4 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Model
FUSE
(Required)
C1
(Required)
L2
C2
(Required)
L1
(Required)
C3
(Required)
C4
CY0
TVS
LS03-15B03SR2S(-F)
1A/
250V
10μF/
400V
4.7
mH
330μF/ 25V
2.2μH
120μF/25V
0.1μF/
50V
1nF/
400
VAC
SMBJ7.0A
LS03-15B05SR2S(-F)
68μF/35V
LS03-15B09SR2S(-F)
SMBJ12A
LS03-15B12SR2S(-F)
150μF/ 35V
SMBJ20A
LS03-15B15SR2S(-F)
LS03-15B24SR2S(-F)
100μF/ 35V
SMBJ30A
Note:
C1:AC input, C1is input filer capacitor (which is required);
DC input, is a filtering capacitor in EMC Filter, the value of C1 is 10μF/400V(when input voltage is above 370VDC, and the value of C1 is 10μF/450V).
C2 and C3 are output filer capacitors (which is required), C2,C3 and L1 form a pi-type filter circuit, they are recommended to be high frequency and low
impedance electrolytic capacitors. Capacitance and rated ripple current of capacitors refer to the datasheets provided by the manufactures. Voltage
derating of capacitors should be 80% or above. C4 is a ceramic capacitor, which is used to filter high frequency noise. Current of L1 and L2 refer to the
datasheets provided by the manufactures, current derating should be 80% or above. TVS is a recommended component to protect post-circuits (if converter
fails). External input NTC model is recommended to use13D-5. External input MOV model is recommended to use S14K320.
2. EMC solution-recommended circuit
AC(N)
AC(L)
AC(L)
MO V2
LCM
CX
CY1
CY2
ACDC
C1
+
5
FUSE
12
CY0
10
7
AC(N)
-Vo
+Vo
L1
+
+
C2
C3
TVS
RL
C4
LDM
NTC
Fig 2
Fig 3
Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and
ground ≥6mm, A≥6.4mm
Components
Recommend Parameter
MOV2
S14K320
CY1
1nF/400VAC
CY2
1nF/400VAC
CX
0.1μF/275VAC
LCM
3.5mH
LDM
0.33mH
NTC
13D-5
FUSE(Required)
1A/250V, slow fusing
Can use MORNSUN’s FC-L01DV1 EMC model
3. For more information about Mornsun EMC Filter products, please visit www.mornsun-power.com to
download the Selection Guide of EMC Filter


Similar Part No. - LS03-15B03SR2S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S Datasheet
344Kb / 6P
   AC/DC Converter
More results

Similar Description - LS03-15B03SR2S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LDE03-20B03W MORNSUN-LDE03-20B03W Datasheet
1Mb / 5P
   3W/5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com