Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF5234N Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TF5234N
Description  Signal conditioning modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TF5234N Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TF5234N Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TF5234N Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TF5234N Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TF5234N Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TF5234N Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Signal conditioning modules
TFxxxxN Series
2015.04.29-A/3
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Single Output
Output signal
See selection guide
Load capacity
Current output
500Ω
Voltage output
2KΩ
Ripple & noise
20MHz Bandwidth
30mVpp
Transmission Specifications
Item
Operating Conditions
Value
Zero Offset
Ta=25℃
0.1%F.S.
Signal Precision
Ta=25℃
0.1%F.S.
Temperature Drift
Operating temperature range of -40 to +85℃≤50PPM/℃
Adjustable Function
Full Degree Regulation
Can be adjusted within ±5% output signal range
Zero Regulation
Can be adjusted within ±5% output signal range
Bandwidth
2KHz
Response Time
1ms
General Specifications
Item
Operating Conditions
Value
Electric Isolation
Isolated between the signal input and the signal output.
Degree of Isolation
testing for 1 minute, leakage current <1mA,
humidity <70%
2KVAC
Isolation Resistance
500VDC
100MΩ
Operating Temperature
-40~+85℃
Transportation and Storage
Temperature
-50~+105℃
Application Environment
The presence of dust, fierce vibration, impulsion and
corrosive gas may cause damage to the product
Physical Specifications
Casing Material
Black flame-retardant heat-proof plastic
Package
DIP18
Weight
5.7g(Typ.)
Cooling Method
Natural cooling
EMC Specifications
EMI
CE
CISPR22/EN55022
CLASS A (see Fig. 4 for recommended circuit)
EMS
ESD
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
EFT
IEC/EN61000-4-4
Power supply port ±2KV (see Fig. 4 for recommended circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5
Power supply ±1KV (see Fig. 4 for recommended circuit)
perf. Criteria B
Application Precautions
1. Please read the instructions carefully before use; contact our technical support if you have any problem.
2. Do not use the product in hazardous areas.
3. Use DC power supply for the product and 220V AC power supply is prohibited.
4. Do not dismount and assemble the product without permission to avoid failure or malfunction of equipment.
After-sales service
1. Ex-factory inspection and quality control have been strictly conducted for the product; if there occurs abnormal operation or possibility
of failure of internal module, please contact the local representative or our technical support.
2. The warranty period for the product is 3 years as calculated from the date of delivery. If any quality problem occurs under normal use
within the warranty period, the product can be repaired or changed for free.
Applied circuit
See
Application Notes for Isolated Transmitter for details.


Similar Part No. - TF5234N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF521M SANKEN-TF521M Datasheet
48Kb / 2P
   TO-220 5A Thyristor
TF521S SANKEN-TF521S Datasheet
49Kb / 2P
   TO-220F 5A Thyristor
logo
TDK Electronics
TF5228TU TDK-TF5228TU Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
logo
Transko Electronics, In...
TF525000AG-SP TRANSKO-TF525000AG-SP Datasheet
1Mb / 3P
   Single Ended
Rev. 0: Nov. 2022
TF525000AU-SP TRANSKO-TF525000AU-SP Datasheet
1Mb / 4P
   High Out of Band Rejection
Rev. 0: Jul. 2023
More results

Similar Description - TF5234N

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TEM5630AN MORNSUN-TEM5630AN_15 Datasheet
226Kb / 3P
   Signal conditioning modules
TEM4540CN MORNSUN-TEM4540CN_15 Datasheet
752Kb / 4P
   Signal conditioning modules
logo
Analog Devices
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com