Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1212S-1WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A1212S-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1212S-1WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A1212S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1212S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1212S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1212S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1212S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
A_S-1WR2 & B_LS-1WR2 Series
2015.04.20-B/0
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
1W, Fixed input voltage, isolated & unregulated
dual/single output
Patent Protection RoHS
FEATURES
Subminiature SIP package
Operating temperature range: -40℃ to +105℃
Efficiency up to80%
Isolation voltage: 1.5K VDC
High power density
No external component required
International standard pin-out
A_S-1WR2 & B_LS-1WR2 series is specially designed for applications where an isolated voltage is required in a distributed power supply
system. It is suitable for:
1.Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.Where isolation is necessary between input and output (isolation voltage ≤1500VDC);
3.Where do not has high requirement of line regulation and load regulation;
4. Such as: pure digital circuits, low frequency analog circuits, relay-driven circuits and data switching circuits.
Selection Guide
Certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,
Min./Typ.)
@FullLoad
Max. Capacitive
Load*(μF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
--
B0303LS-1WR2
3.3
(2.97-3.63)
3.3
303/31
68/72
220
B0305LS-1WR2
5
200/20
74/78
A0503S-1WR2
5
(4.5-5.5)
±3.3
±152/±15
67/71
100
UL/CE
A0505S-1WR2
±5
±100/±10
76/80
A0509S-1WR2
±9
±56/±6
76/80
A0512S-1WR2
±12
±42/±5
76/80
A0515S-1WR2
±15
±34/±4
76/80
A0524S-1WR2
±24
±21/±3
76/80
--
B0503LS-1WR2
3.3
303/31
70/74
220
UL/CE
B0505LS-1WR2
5
200/20
76/80
B0509LS-1WR2
9
111/11
76/80
B0512LS-1WR2
12
84/9
76/80
B0515LS-1WR2
15
67/7
76/80
B0524LS-1WR2
24
42/5
76/80
--
A0909S-1WR2
9
(8.1-9.9)
±9
±56/±6
76/80
100
A0915S-1WR2
±15
±34/±4
76/80
A1203S-1WR2
12
(10.8-13.2)
±3.3
±152/±15
72/76
UL/CE
A1205S-1WR2
±5
±100/±10
76/80
A1209S-1WR2
±9
±56/±6
76/80
A1212S-1WR2
±12
±42/±5
76/80
A1215S-1WR2
±15
±34/±4
76/80
A1224S-1WR2
±24
±21/±3
76/80
--
B1203LS-1WR2
3.3
303/31
72/76
220
UL/CE
B1205LS-1WR2
5
200/20
76/80
B1209LS-1WR2
9
111/11
76/80
B1212LS-1WR2
12
84/9
76/80
B1215LS-1WR2
15
67/7
76/80
B1224LS-1WR2
24
42/5
76/80


Similar Part No. - A1212S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1212S-1WR2 MORNSUN-A1212S-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A1212S-1WR2 MORNSUN-A1212S-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
More results

Similar Description - A1212S-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com