Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEC-3031-A4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEC-3031-A4
Description  Industrial Grade DIN Rail Box PC with Intel짰 Celeron짰 N2807 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-3031-A4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEC-3031-A4 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-3031-A4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEC-3031 Series
Industrial Grade DIN Rail Box PC
with Intel® Celeron® N2807 Processor
• Fanless and compact design
• Intel® Celeron™ N2807 SoC CPU
• LEC-3031-A Series: 4/6/8 x RS-232/422/485, LEC-3031-I Series: 4 or
10 x isolated COM ports
• 2 or 4 x Isolated GbE LAN / 4 x USB:1x USB 3.0, 1x or 3x USB 2.0
• VGA port
• DIN rail or wall mount
Processor System
CPU
Intel® Celeron® N2807 onboard
Frequency
1.58 GHz
Core Number
2
BIOS
AMI SPI Flash BIOS
Chipset
SoC
Memory
Technology
DDR3L, 1333 MHz
Max. Capacity
4 GB
Socket
1 x 204-pin SODIMM
Graphic
Controller
Intel® HD Graphics
Display Interface
VGA port
Ethernet
Controller
Intel® i210-IT
Speed
10/100/1000 Mbps
Interface
2 or 4 x RJ45
Protection
1.5KV magnetic isolation protection
Storage
Type
mSATA mini
Installation
1 x mini-PCIe slot for mSATA mini support
I/O
Serial Port
LEC-3031-A4/6/8: 4/6/8 x RS-232/422/485
LEC-3031-I4: 4 isolated RS-485
LEC-3031-I10: 8 isolated RS-485,
2x isolated RS-232/485
Isolation Protection
2KV Digital Isolation
ESD Protection
15KV ESD Protection
USB 2.0
1 or 3 x type A
USB 3.0
1 x type A
Power-On/Reset Button
Internal reset button
LED
PWR,Storage, RX/TX
Watchdog Timer
Watchdog timer 256 level time interval system reset, software program-
mable
Power
Power Supply Voltage
12 ~ 36 Vdc
Connector
Phoenix contact 2-pin connector with lock
Power Consumption (Idle)
TBD
Power Consumption
(Full Load)
TBD
Power Adaptor
None
Environment
Operating Temperature
Normal: -20 ~ 55ºC, Wide:-40 ~ 70ºC
Storage Temperature
Normal: -40 ~ 85ºC
Relative Humidity
5% ~ 95%, non-condensing
Mechanical
Dimension (W x H x D)
69 x 169.5 x 127 mm
Fanless
Yes
Construction
Aluminum + Steel
Weight
1.2 kg
Mounting
DIN rail or Wall mount
Driver Support
Microsoft Windows
Windows 7, Windows 7 Embedded
Linux
Linux (Ubuntu)
Certification
EMC
CE/FCC Class A
Green compliance
RoHS
Preliminary Specifications
Features


Similar Part No. - LEC-3031-A4

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-3031-A4 LANNER-LEC-3031-A4 Datasheet
499Kb / 2P
   Industrial Grade DIN Rail Box PC with Intel짰 Atom E3825 Processor
More results

Similar Description - LEC-3031-A4

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-3030 LANNER-LEC-3030 Datasheet
1Mb / 2P
   Compact Industrial Grade DIN Rail Box PC with Intel짰 E3815/N2807 Processor
LEC-3031 LANNER-LEC-3031 Datasheet
499Kb / 2P
   Industrial Grade DIN Rail Box PC with Intel짰 Atom E3825 Processor
LEC-7233 LANNER-LEC-7233 Datasheet
1Mb / 1P
   Economical Box PC with Rich I/O and Intel짰 Bay Trail Celeron짰 N2807 CPU
logo
Axiomtek Co., Ltd.
CAPA848 AXIOMTEK-CAPA848_17 Datasheet
255Kb / 1P
   3.5 Embedded SBC with Intel짰 Celeron짰 Processor N2807, LVDS/VGA/HDMI
logo
List of Unclassifed Man...
LEC-3013-I10 ETC2-LEC-3013-I10 Datasheet
207Kb / 2P
   DIN rail Box PC with Intel Atom D525 Processor
LEC-2260 ETC2-LEC-2260 Datasheet
232Kb / 2P
   Fanless Industrial PC with Intel짰 Celeron짰 807UE CPU
LEC-3012A ETC2-LEC-3012A Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??N455 CPU
LEC-3013 ETC2-LEC-3013 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
logo
Advantech Co., Ltd.
PPC-175T ADVANTECH-PPC-175T Datasheet
356Kb / 2P
   17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-L127T ADVANTECH-PPC-L127T Datasheet
364Kb / 2P
   12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com