Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEC-3200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-3200
Description  2U Fanless Rackmount Communication Platform with Intel짰 Atom??N270
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-3200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-3200 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-3200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
connect@lannerinc.com
Specifications
Last Updated:
www.lannerinc.com
Specifications are subject to change without notice
Physical Char-
acteristics
Housing
(SECC) Sheet Meal
Weight
3.2Kg
Dimensions (WxHxD)
440x89x351.5mm (17.32”x3.50”x13.84”)(without
rackmoun ears)
Mounting Options
Standard 19-inch rackmount
Environment
Operation Tempera-
ture
-20~55°C
Storage Temperature -40~80°C
Ambient Relative
Humidity (non-con-
densing)
5 to 95% (non-condensing)
Power
Input Voltage
Dual Power Input
9~36Vdc,100~240Vac
Power Consumption 28W
Connector
2-pin and 3-pin terminal block
Standard and
Regulations
Safety
EMC
CE/FCC
Green product
RoHS
Reliability
Alter tool
Built-in buzzer and RTC (real-time clock) with battery
lithium backup
Automatic Reboot
Trigger
Watchdog Timer 1~255 level
Warranty
2 Years
MTBF
275,952 hrs
LEC-3200
Fanless 2U rackmount communication platform with Intel® Atom™
N270 (1.6GHz), 4 x GbE LAN+1x10/100Mbps LAN, 18 x digital iso-
lated Serial ports
LEC-3200C
Fanless 2U rackmount communication platform with Intel® Atom™
N270 (1.6GHz), 4 x GbE LAN+1x10/100Mbps LAN, 10 x digital iso-
lated Serial ports, 2 x CAN ports
Dimensions 440x89x351.5mm (17.32”x3.50”x13.84”)
Ordering Information
440
20,Dec,2012


Similar Part No. - LEC-3200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3210 ETC2-LEC-3210 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3210AU16 ETC2-LEC-3210AU16 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3210AU8 ETC2-LEC-3210AU8 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3210AU8B ETC2-LEC-3210AU8B Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3210AU8F4 ETC2-LEC-3210AU8F4 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
More results

Similar Description - LEC-3200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3100 ETC2-LEC-3100 Datasheet
272Kb / 2P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??N270
LEC-3210 ETC2-LEC-3210 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3101 ETC2-LEC-3101 Datasheet
160Kb / 1P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??N455
LEC-3110 ETC2-LEC-3110 Datasheet
556Kb / 4P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
logo
Advantech Co., Ltd.
ITA-2210-00AE ADVANTECH-ITA-2210-00AE Datasheet
716Kb / 2P
   Intel짰 Atom??D525 2U Fanless Rackmount System with 3 ITAM Module
ITA-2211-00A1E ADVANTECH-ITA-2211-00A1E Datasheet
903Kb / 2P
   Intel짰 Atom??E3845 2U Fanless Rackmount System with 3 ITAM Module
PPC-L128T ADVANTECH-PPC-L128T_12 Datasheet
2Mb / 2P
   12.1" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L157T-080-XE ADVANTECH-PPC-L157T-080-XE Datasheet
590Kb / 2P
   15" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L128T ADVANTECH-PPC-L128T Datasheet
386Kb / 2P
   12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
logo
Protech Systems Co., Lt...
COM-587LF PROTECHSYSTEMS-COM-587LF Datasheet
860Kb / 2P
   COM Express Intel짰 Atom??N270 CPU Module / Fanless
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com