Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKD06N60RFA Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IKD06N60RFA
Description  Optimized Eon, Eoff and Qrr for low switching losses
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKD06N60RFA Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IKD06N60RFA Datasheet HTML 7Page - Infineon Technologies AG IKD06N60RFA Datasheet HTML 8Page - Infineon Technologies AG IKD06N60RFA Datasheet HTML 9Page - Infineon Technologies AG IKD06N60RFA Datasheet HTML 10Page - Infineon Technologies AG IKD06N60RFA Datasheet HTML 11Page - Infineon Technologies AG IKD06N60RFA Datasheet HTML 12Page - Infineon Technologies AG IKD06N60RFA Datasheet HTML 13Page - Infineon Technologies AG IKD06N60RFA Datasheet HTML 14Page - Infineon Technologies AG IKD06N60RFA Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
IKD06N60RFA
TRENCHSTOPTMRC-DrivesFastSeries
Rev.2.2,2014-09-30
Figure 17.
Typicalgatecharge
(IC=6A)
QGE,GATECHARGE[nC]
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
16
120V
480V
Figure 18.
Typicalcapacitanceasafunctionof
collector-emittervoltage
(VGE=0V,f=1MHz)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
5
10
15
20
25
30
1
10
100
1000
Cies
Coes
Cres
Figure 19.
Typicalshortcircuitcollectorcurrentasa
functionofgate-emittervoltage
(VCE
≤400V,startatTvj=25°C)
VGE,GATE-EMITTERVOLTAGE[V]
12
14
16
18
20
0
10
20
30
40
50
60
70
80
90
Figure 20.
Shortcircuitwithstandtimeasafunctionof
gate-emittervoltage
(VCE
≤400V,startatTvj=150°C)
VGE,GATE-EMITTERVOLTAGE[V]
10
11
12
13
14
15
16
17
18
19
0
2
4
6
8
10
12


Similar Part No. - IKD06N60RFA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD06N60RF INFINEON-IKD06N60RF Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
IKD06N60RF INFINEON-IKD06N60RF Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
IKD06N60RF INFINEON-IKD06N60RF Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
IKD06N60RF INFINEON-IKD06N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
More results

Similar Description - IKD06N60RFA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD03N60RFA INFINEON-IKD03N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
IKD04N60RFA INFINEON-IKD04N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
IKD15N60RFA INFINEON-IKD15N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
IKD10N60RFA INFINEON-IKD10N60RFA Datasheet
1Mb / 16P
   Optimized Eon, Eoff and Qrr for low switching losses
Rev.2.1,2014-12-15
logo
IXYS Corporation
IXYN100N65A3 IXYS-IXYN100N65A3 Datasheet
214Kb / 6P
   Optimized for Low Conduction Losses
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
International Rectifier
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
logo
Infineon Technologies A...
IGC168T170S8RH INFINEON-IGC168T170S8RH Datasheet
179Kb / 5P
   low switching losses and saturation losses
logo
International Rectifier
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
   Low Conduction Losses and Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com