Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKZ50N65NH5 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKZ50N65NH5
Description  650V DuoPack IGBT and diode High speed series fifth generation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKZ50N65NH5 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKZ50N65NH5 Datasheet HTML 1Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 2Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 3Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 4Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 5Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 6Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 7Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 8Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
IKZ50N65NH5
Highspeedseriesfifthgeneration
Rev.2.1,2014-10-31
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
StaticCharacteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V,IC=0.20mA
650
-
-
V
Collector-emitter saturation voltage
VCEsat
VGE=15.0V,IC=50.0A
Tvj=25°C
Tvj=100°C
Tvj=150°C
-
-
-
1.65
1.82
1.90
2.10
-
-
V
Diode forward voltage
VF
VGE=0V,IF=50.0A
Tvj=25°C
Tvj=100°C
Tvj=150°C
-
-
-
1.60
1.65
1.65
2.20
-
-
V
Gate-emitter threshold voltage
VGE(th)
IC=0.50mA,VCE=VGE
3.2
4.0
4.8
V
Zero gate voltage collector current
ICES
VCE=650V,VGE=0V
Tvj=25°C
Tvj=175°C
-
-
-
2500.0
50.0
-
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V,IC=50.0A
-
65.0
-
S
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
DynamicCharacteristic
Input capacitance
Cies
-
3100
-
Output capacitance
Coes
-
90
-
Reverse transfer capacitance
Cres
-
11
-
VCE=25V,VGE=0V,f=1MHz
pF
Gate charge
QG
VCC=520V,IC=50.0A,
VGE=15V
-
109.0
-
nC
Internal emitter inductance
1)
measured 5mm (0.197 in.) from
case
LE
-
13.0
-
nH
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=25°C
Turn-on delay time
td(on)
-
22
-
ns
Rise time
tr
-
8
-
ns
Turn-off delay time
td(off)
-
252
-
ns
Fall time
tf
-
23
-
ns
Turn-on energy
Eon
-
0.35
-
mJ
Turn-off energy
Eoff
-
0.20
-
mJ
Total switching energy
Ets
-
0.55
-
mJ
Tvj=25°C,
VCC=400V,IC=25.0A,
VGE=0.0/15.0V,
RG(on)=15.0
Ω,RG(off)=20.0Ω,
L
σ=30nH,Cσ=25pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
1) The internal emitter inductance does not affect the gate control circuitry if bypassed by using the emitter sense pin.


Similar Part No. - IKZ50N65NH5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKZ50N65EH5 INFINEON-IKZ50N65EH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKZ50N65ES5 INFINEON-IKZ50N65ES5 Datasheet
1Mb / 16P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2017-04-26
More results

Similar Description - IKZ50N65NH5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKZ50N65EH5 INFINEON-IKZ50N65EH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKW40N65F5 INFINEON-IKW40N65F5_13 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.2,2013-12-18
IKP40N65H5 INFINEON-IKP40N65H5_15 Datasheet
2Mb / 18P
   650V DuoPack IGBT and diode High speed switching series fifth generation
Rev.2.1,2015-05-06
IKP15N65H5 INFINEON-IKP15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKW50N65H5 INFINEON-IKW50N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKP08N65H5 INFINEON-IKP08N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA08N65F5 INFINEON-IKA08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com