Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKZ50N65NH5 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IKZ50N65NH5
Description  650V DuoPack IGBT and diode High speed series fifth generation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKZ50N65NH5 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IKZ50N65NH5 Datasheet HTML 4Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 5Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 6Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 7Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 8Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 9Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 10Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 11Page - Infineon Technologies AG IKZ50N65NH5 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
IKZ50N65NH5
Highspeedseriesfifthgeneration
Rev.2.1,2014-10-31
Figure 5.
Typicaloutputcharacteristic
(Tvj=175°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0
15
30
45
60
75
90
105
120
135
150
VGE = 20V
18V
15V
12V
10V
8V
7V
6V
5V
Figure 6.
Typicaltransfercharacteristic
(VCE=20V)
VGE,GATE-EMITTERVOLTAGE[V]
2
3
4
5
6
7
8
9
0
15
30
45
60
75
90
105
120
135
150
Tvj = 25°C
Tvj = 175°C
Figure 7.
Typicalcollector-emittersaturationvoltageas
afunctionofjunctiontemperature
(VGE=15V)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
IC = 12.5A
IC = 25A
IC = 50A
Figure 8.
Typicalswitchingtimesasafunctionof
collectorcurrent
(inductiveload,Tvj=150°C,VCE=400V,
VGE=0/15V,RG(on)=15
Ω,RG(off)=20Ω,dynamic
test circuit in Figure E)
IC,COLLECTORCURRENT[A]
0
25
50
75
100
125
150
1
10
100
1000
td(off)
tf
td(on)
tr


Similar Part No. - IKZ50N65NH5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKZ50N65EH5 INFINEON-IKZ50N65EH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKZ50N65ES5 INFINEON-IKZ50N65ES5 Datasheet
1Mb / 16P
   TRENCHSTOPTM 5 high speed soft switching IGBT copacked with full current rated RAPID 1 fast and soft antiparallel diode
V2.1 2017-04-26
More results

Similar Description - IKZ50N65NH5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKZ50N65EH5 INFINEON-IKZ50N65EH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKW40N65F5 INFINEON-IKW40N65F5_13 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.2,2013-12-18
IKP40N65H5 INFINEON-IKP40N65H5_15 Datasheet
2Mb / 18P
   650V DuoPack IGBT and diode High speed switching series fifth generation
Rev.2.1,2015-05-06
IKP15N65H5 INFINEON-IKP15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKW50N65H5 INFINEON-IKW50N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKP08N65H5 INFINEON-IKP08N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA08N65F5 INFINEON-IKA08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com