Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16C62X Datasheet(PDF) 5 Page - Microchip Technology

Part # 16C62X
Description  EPROM-Based 8-Bit CMOS Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16C62X Datasheet(HTML) 5 Page - Microchip Technology

  16C62X Datasheet HTML 1Page - Microchip Technology 16C62X Datasheet HTML 2Page - Microchip Technology 16C62X Datasheet HTML 3Page - Microchip Technology 16C62X Datasheet HTML 4Page - Microchip Technology 16C62X Datasheet HTML 5Page - Microchip Technology 16C62X Datasheet HTML 6Page - Microchip Technology 16C62X Datasheet HTML 7Page - Microchip Technology 16C62X Datasheet HTML 8Page - Microchip Technology 16C62X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 5
PIC16C62X
1.0
GENERAL DESCRIPTION
The
PIC16C62X
are
18
and
20
Pin
ROM/EPROM-based members of the versatile PICmi-
cro™ family of low-cost, high-performance, CMOS,
fully-static, 8-bit microcontrollers.
All PICmicro™ microcontrollers employ an advanced
RISC architecture. The PIC16C62X have enhanced
core features, eight-level deep stack, and multiple inter-
nal and external interrupt sources. The separate
instruction and data buses of the Harvard architecture
allow a 14-bit wide instruction word with the separate
8-bit wide data. The two-stage instruction pipeline
allows all instructions to execute in a single-cycle,
except for program branches (which require two
cycles). A total of 35 instructions (reduced instruction
set) are available. Additionally, a large register set gives
some of the architectural innovations used to achieve a
very high performance.
PIC16C62X microcontrollers typically achieve a 2:1
code compression and a 4:1 speed improvement over
other 8-bit microcontrollers in their class.
The PIC16C620A, PIC16C621A and PIC16CR620A
have 96 bytes of RAM. The PIC16C622(A) has 128
bytes of RAM. Each device has 13 I/O pins and an 8-bit
timer/counter with an 8-bit programmable prescaler. In
addition, the PIC16C62X adds two analog comparators
with a programmable on-chip voltage reference mod-
ule. The comparator module is ideally suited for appli-
cations requiring a low-cost analog interface (e.g.,
battery chargers, threshold detectors, white goods
controllers, etc).
PIC16C62X devices have special features to reduce
external components, thus reducing system cost,
enhancing system reliability and reducing power con-
sumption. There are four oscillator options, of which the
single pin RC oscillator provides a low-cost solution,
the LP oscillator minimizes power consumption, XT is a
standard crystal, and the HS is for High Speed crystals.
The SLEEP (power-down) mode offers power savings.
The user can wake up the chip from SLEEP through
several external and internal interrupts and reset.
A highly reliable Watchdog Timer with its own on-chip
RC oscillator provides protection against software
lock- up.
A UV-erasable CERDIP-packaged version is ideal for
code development while the cost-effective One-Time
Programmable (OTP) version is suitable for production
in any volume.
Table 1-1 shows the features of the PIC16C62X
mid-range microcontroller families.
A simplified block diagram of the PIC16C62X is shown
in Figure 3-1.
The PIC16C62X series fit perfectly in applications
ranging from battery chargers to low-power remote
sensors. The EPROM technology makes customization
of application programs (detection levels, pulse gener-
ation, timers, etc.) extremely fast and convenient. The
small footprint packages make this microcontroller
series perfect for all applications with space limitations.
Low-cost, low-power, high-performance, ease of use
and I/O flexibility make the PIC16C62X very versatile.
1.1
Family and Upward Compatibility
Those users familiar with the PIC16C5X family of
microcontrollers will realize that this is an enhanced
version of the PIC16C5X architecture. Please refer to
Appendix A for a detailed list of enhancements. Code
written for the PIC16C5X can be easily ported to
PIC16C62X family of devices (Appendix B).
The
PIC16C62X family fills the niche for users wanting to
migrate up from the PIC16C5X family and not needing
various peripheral features of other members of the
PIC16XX mid-range microcontroller family.
1.2
Development Support
The PIC16C62X family is supported by a full-featured
macro assembler, a software simulator, an in-circuit
emulator, a low-cost development programmer and a
full-featured programmer. A “C” compiler and fuzzy
logic support tools are also available.


Similar Part No. - 16C62X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C62P RENESAS-16C62P Datasheet
1Mb / 101P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - 16C62X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com