Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1577 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM1577
Description  LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1577 Datasheet(HTML) 3 Page - Texas Instruments

  LM1577_15 Datasheet HTML 1Page - Texas Instruments LM1577_15 Datasheet HTML 2Page - Texas Instruments LM1577_15 Datasheet HTML 3Page - Texas Instruments LM1577_15 Datasheet HTML 4Page - Texas Instruments LM1577_15 Datasheet HTML 5Page - Texas Instruments LM1577_15 Datasheet HTML 6Page - Texas Instruments LM1577_15 Datasheet HTML 7Page - Texas Instruments LM1577_15 Datasheet HTML 8Page - Texas Instruments LM1577_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LM1577, LM2577
www.ti.com
SNOS658D – JUNE 1999 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage
45V
Output Switch Voltage
65V
Output Switch Current(3)
6.0A
Power Dissipation
Internally Limited
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Soldering, 10 sec.
260°C
Maximum Junction Temperature
150°C
Minimum ESD Rating
C = 100 pF, R = 1.5 k
Ω
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions the
device is intended to be functional, but device parameter specifications may not be ensured under these conditions. For ensured
specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Due to timing considerations of the LM1577/LM2577 current limit circuit, output current cannot be internally limited when the
LM1577/LM2577 is used as a step-up regulator. To prevent damage to the switch, its current must be externally limited to 6.0A.
However, output current is internally limited when the LM1577/LM2577 is used as a flyback or forward converter regulator in accordance
to the Application Hints.
Operating Ratings
Supply Voltage
3.5V
≤ VIN ≤ 40V
Output Switch Voltage
0V
≤ VSWITCH ≤ 60V
Output Switch Current
ISWITCH ≤ 3.0A
Junction Temperature Range
LM1577
−55°C ≤ TJ ≤ +150°C
LM2577
−40°C ≤ TJ ≤ +125°C
Electrical Characteristics—LM1577-12, LM2577-12
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V, and ISWITCH = 0.
Symbol
Parameter
Conditions
Typical
LM1577-12
LM2577-12
Units
Limit(1)(2)
Limit(3)
(Limits)
SYSTEM PARAMETERS Circuit of Figure 29(4)
VOUT
Output Voltage
VIN = 5V to 10V
12.0
V
ILOAD = 100 mA to 800 mA
(1)
11.60/11.40
11.60/11.40
V(min)
12.40/12.60
12.40/12.60
V(max)
Line Regulation
VIN = 3.5V to 10V
20
mV
ILOAD = 300 mA
50/100
50/100
mV(max)
(1)
Load Regulation
VIN = 5V
20
mV
ILOAD = 100 mA to 800 mA
50/100
50/100
mV(max)
(2)
η
Efficiency
VIN = 5V, ILOAD = 800 mA
80
%
DEVICE PARAMETERS
IS
Input Supply Current
VFEEDBACK = 14V (Switch Off)
7.5
mA
10.0/14.0
10.0/14.0
mA(max)
ISWITCH = 2.0A
25
mA
VCOMP = 2.0V (Max Duty Cycle)
50/85
50/85
mA(max)
(1)
All limits ensured at room temperature (standard type face) and at temperature extremes (boldface type). All limits are used to calculate
Outgoing Quality Level, and are 100% production tested.
(2)
A military RETS electrical test specification is available on request. At the time of printing, the LM1577K-12/883, LM1577K-15/883, and
LM1577K-ADJ/883 RETS specifications complied fully with the boldface limits in these columns. The LM1577K-12/883, LM1577K-
15/883, and LM1577K-ADJ/883 may also be procured to Standard Military Drawing specifications.
(3)
All limits ensured at room temperature (standard type face) and at temperature extremes (boldface type). All room temperature limits are
100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC)
methods.
(4)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM1577/LM2577 is used as shown in the Test Circuit, system performance will be as specified by the system parameters.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1577 LM2577


Similar Part No. - LM1577_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577-15 NSC-LM1577-15 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
More results

Similar Description - LM1577_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421_14 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR61428 TI-LMR61428_15 Datasheet
959Kb / 20P
[Old version datasheet]   LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in VSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com