Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2650 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2650
Description  Synchronous Step-Down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2650 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2650 Datasheet HTML 6Page - Texas Instruments LM2650 Datasheet HTML 7Page - Texas Instruments LM2650 Datasheet HTML 8Page - Texas Instruments LM2650 Datasheet HTML 9Page - Texas Instruments LM2650 Datasheet HTML 10Page - Texas Instruments LM2650 Datasheet HTML 11Page - Texas Instruments LM2650 Datasheet HTML 12Page - Texas Instruments LM2650 Datasheet HTML 13Page - Texas Instruments LM2650 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM2650
SNVS133C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
The PWM circuit drives the pulse stream into the low-pass filter made up of L1 and COUT. The filter
passed the DC component of the stream and attenuates the AC components. The output of the filter is
the DC voltage VOUT superimposed with a small ripple voltage. Since the DC component of any periodic
waveforms the average value of the waveform, VOUT can be found using:
(1)
Here T is the switching period in seconds V(t) is the pulse stream. Under DC steady-state conditions, (1)
yields
(2)
Here VIN is the input voltage, and therefore the height of the pulses, in volts, is the width of the pulses in
seconds, and D is the ratio of tON to T, the duty or the duty cycle.
The output voltage is programmed using the resistive divider made up for R1 and R2,
(3)
As Q1 turns on, its source voltage swings up to just below the input voltage. The LM2650 uses a simple
technique called "bootstrapping" to pull the positive supply rail of DH (at BOOT) up along with the source
voltage of Q1, but to a voltage above the input voltage. Because the source of Q1 and the positive supply
rail of DH make the same voltage swing together, DH maintains the positive gate-to-source voltage
required to turn Q1 on. Q12 plays an active role in pulling the supply rail of DH up and is therefore said to
pull itself up by its "bootstraps", thus the name of the technique and of the BOOT pin.
In the typical application, a capacitor CB is connected outside the IC between the BOOT and SW pins.
When Q2 is on, the input supply charges CB through VRegH and the internal diode D.
THE HYSTERETIC CIRCUIT AND LOOP (Figure 16)
Except for C2, the hysteretic circuit borrows all its circuit blocks from the PWM circuit.
The hysteretic comparator C2 is a voltage comparator with built-in hysteresis VHYST of typically 30mV centered at
1.25V.
The diode D2 is the body diode of Q2. The hysteretic circuit uses D2 as a rectifier instead of switching Q2 as a
synchronous rectifier.
When the load current drops below the prescribed sleep-in threshold, the LM2650 shuts down the PWM loop and
starts up the hysteretic loop. The hysteretic loop supports light loads more efficiently because it uses less power
to support its own operation; it uses less bias power because it's a simpler loop having less circuit blocks to bias,
and it switches slower, so it incurs lower switching losses.
The hysteretic control loop does not switch at a constant frequency. Instead, it monitors VOUT and switches only
when VOUT reaches either side of a narrow window centered on the desired output voltage. C2 directs the
switching based on its reading of the feedback voltage. Switching in this manner yields a regulated voltage
consisting of the desired output voltage and an AC ripple voltage. The magnitude of the AC component can be
approximated using
(4)
For example, with VOUT set to 5V, VOUT_PP is approximately 120mV,
(5)
When it starts up, the hysteretic loop turns Q1 on. While Q1 is on, the input power supply charges COUT and
supplies current to the load. Current from the supply reaches C and the load via the series path provided by Q1
and L1. As the feedback voltage just surpasses the upper hysteretic threshold of C2, the output of C2 changes
from high to low, and HD responds by pulling the gate of Q1 down turning Q1 off. As Q1 turns off, L1 generates
a negative-going voltage transient that D2 clamps at just below ground. D2 remains on only briefly as the current
in L1 runs out. While both Q1 and D2 are off, COUT alone supplies current to the load. As the feedback voltage
just surpasses the lower hysteretic threshold of C2, the output of C2 changes states from low to high, and DH
responds by pulling the gate of Q1 up turning Q1 on and starting the hysteretic cycle over.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2650


Similar Part No. - LM2650

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2650 NSC-LM2650 Datasheet
215Kb / 11P
   Synchronous Step-Down DC/DC Converter
LM2650M-ADJ NSC-LM2650M-ADJ Datasheet
215Kb / 11P
   Synchronous Step-Down DC/DC Converter
LM2650MX-ADJ NSC-LM2650MX-ADJ Datasheet
215Kb / 11P
   Synchronous Step-Down DC/DC Converter
More results

Similar Description - LM2650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
ELM613DA ELM-TECH-ELM613DA Datasheet
1Mb / 11P
   synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com