Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2679 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2679
Description  LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2679 Datasheet(HTML) 1 Page - Texas Instruments

  LM2679_15 Datasheet HTML 1Page - Texas Instruments LM2679_15 Datasheet HTML 2Page - Texas Instruments LM2679_15 Datasheet HTML 3Page - Texas Instruments LM2679_15 Datasheet HTML 4Page - Texas Instruments LM2679_15 Datasheet HTML 5Page - Texas Instruments LM2679_15 Datasheet HTML 6Page - Texas Instruments LM2679_15 Datasheet HTML 7Page - Texas Instruments LM2679_15 Datasheet HTML 8Page - Texas Instruments LM2679_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Voltage
5V/5A
COUT
2 x 180 PF/16V
22 PH
L
Feedback
Boost
6TQ045S
Ground
Current
VIN
Softstart
1 nF
+
Voltage
8V to 40V
Input
LM2679 - 5.0
Output
Switch
Output
0.01 PF
+
Limit
Adjust
5.6k
0.47 PF
+
+
+
CIN
3 x 15 PF/50V
=
37,125
RADJ
I
CL
LM2679
www.ti.com
SNVS026N – MARCH 2000 – REVISED APRIL 2013
LM2679 SIMPLE SWITCHER® 5A Step-Down Voltage Regulator with Adjustable Current
Limit
Check for Samples: LM2679
1
FEATURES
DESCRIPTION
The LM2679 series of regulators are monolithic
2
Efficiency Up to 92%
integrated circuits which provide all of the active
Simple and Easy to Design with (Using Off-
functions for a step-down (buck) switching regulator
The-Shelf External Components)
capable of driving up to 5A loads with excellent line
Resistor Programmable Peak Current Limit
and load regulation characteristics. High efficiency
(>90%) is obtained through the use of a low ON-
Over a Range of 3A to 7A.
resistance DMOS power switch. The series consists
120 m
Ω DMOS Output Switch
of fixed output voltages of 3.3V, 5V and 12V and an
3.3V, 5V and 12V Fixed Output and Adjustable
adjustable output version.
(1.2V to 37V ) Versions
The SIMPLE SWITCHER® concept provides for a
±2% Maximum Output Tolerance Over Full
complete design using a minimum number of external
Line and Load Conditions
components.
A
high
fixed
frequency
oscillator
Wide Input Voltage Range: 8V to 40V
(260KHz) allows the use of physically smaller sized
components. A family of standard inductors for use
260 KHz Fixed Frequency Internal Oscillator
with
the
LM2679
are
available
from
several
Softstart Capability
manufacturers to greatly simplify the design process.
−40 to +125°C Operating Junction Temperature
Other features include the ability to reduce the input
Range
surge current at power-ON by adding a softstart
timing capacitor to gradually turn on the regulator.
APPLICATIONS
The
LM2679
series
also
has
built
in
thermal
shutdown and resistor programmable current limit of
Simple to Design, High Efficiency (>90%) Step-
the power MOSFET switch to protect the device and
Down Switching Regulators
load circuitry under fault conditions. The output
Efficient System Pre-Regulator for Linear
voltage is specified to a ±2% tolerance. The clock
Voltage Regulators
frequency is controlled to within a ±11% tolerance.
Battery Chargers
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, Switchers Made Simple are registered trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2679_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2679S-12 NSC-LM2679S-12 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2679S-12/NOPB TI1-LM2679S-12/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
logo
National Semiconductor ...
LM2679S-3.3 NSC-LM2679S-3.3 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2679S-3.3 TI1-LM2679S-3.3 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-3.3/NOPB TI1-LM2679S-3.3/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
More results

Similar Description - LM2679_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2679 TI1-LM2679 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
logo
National Semiconductor ...
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
LM22677Q NSC-LM22677Q Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677 NSC-LM22677 Datasheet
404Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22678 NSC-LM22678 Datasheet
540Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM2673 TI1-LM2673 Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com