Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2694 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2694
Description  LM2694 30V, 600 mA Step Down Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2694 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2694_15 Datasheet HTML 3Page - Texas Instruments LM2694_15 Datasheet HTML 4Page - Texas Instruments LM2694_15 Datasheet HTML 5Page - Texas Instruments LM2694_15 Datasheet HTML 6Page - Texas Instruments LM2694_15 Datasheet HTML 7Page - Texas Instruments LM2694_15 Datasheet HTML 8Page - Texas Instruments LM2694_15 Datasheet HTML 9Page - Texas Instruments LM2694_15 Datasheet HTML 10Page - Texas Instruments LM2694_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
UVLO
VIN
VCC
SW Pin
Inductor
Current
SS Pin
t2
VOUT
7.0V
2.5V
t1
LM2694
www.ti.com
SNVS444A – MAY 2006 – REVISED APRIL 2013
Figure 9. Startup Sequence
Functional Description
The LM2694 Step Down Switching Regulator features all the functions needed to implement a low cost, efficient
buck bias power converter capable of supplying at least 0.6A to the load. This high voltage regulator contains a
30V N-Channel buck switch, is easy to implement, and is available in the TSSOP-14 and the thermally enhanced
WSON-10 packages. The regulator’s operation is based on a constant on-time control scheme, where the on-
time is determined by VIN. This feature allows the operating frequency to remain relatively constant with load and
input voltage variations. The feedback control requires no loop compensation resulting in very fast load transient
response. The valley current limit detection circuit, internally set at 0.62A, holds the buck switch off until the high
current level subsides. This scheme protects against excessively high currents if the output is short-circuited
when VIN is high. The functional block diagram is shown in Typical Application Circuit and Block Diagram.
The LM2694 can be applied in numerous applications to efficiently regulate down higher voltages. Additional
features include: Thermal shutdown, VCC under-voltage lockout, gate drive under-voltage lockout, and maximum
duty cycle limiter.
Control Circuit Overview
The LM2694 buck DC-DC regulator employs a control scheme based on a comparator and a one-shot on-timer,
with the output voltage feedback (FB) compared to an internal reference (2.5V). If the FB voltage is below the
reference the buck switch is turned on for a time period determined by the input voltage and a programming
resistor (RON). Following the on-time the switch remains off for a minimum of 265 ns, and until the FB voltage
falls below the reference. The buck switch then turns on for another on-time period. Typically, during start-up, or
when the load current increases suddenly, the off-times are at the minimum of 265 ns. Once regulation is
established, the off-times are longer.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2694


Similar Part No. - LM2694_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2694MT NSC-LM2694MT Datasheet
760Kb / 19P
   30V, 600 mA Step Down Switching Regulator
LM2694MTX NSC-LM2694MTX Datasheet
760Kb / 19P
   30V, 600 mA Step Down Switching Regulator
LM2694SD NSC-LM2694SD Datasheet
760Kb / 19P
   30V, 600 mA Step Down Switching Regulator
LM2694SDX NSC-LM2694SDX Datasheet
760Kb / 19P
   30V, 600 mA Step Down Switching Regulator
More results

Similar Description - LM2694_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2694 NSC-LM2694 Datasheet
760Kb / 19P
   30V, 600 mA Step Down Switching Regulator
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
HM1484C HMSEMI-HM1484C Datasheet
1Mb / 14P
   30V, 3.1A Monolithic Step-Down Switching Regulator
logo
National Semiconductor ...
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
   150 mA, 100V Step-Down Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
   150 mA, 100V Step-Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Semtech Corporation
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
   30V, 300mA Output Micropower Step-Down Switching Regulator
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com