Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2696 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2696
Description  LM2696 3A, Constant On Time Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2696 Datasheet(HTML) 1 Page - Texas Instruments

  LM2696_15 Datasheet HTML 1Page - Texas Instruments LM2696_15 Datasheet HTML 2Page - Texas Instruments LM2696_15 Datasheet HTML 3Page - Texas Instruments LM2696_15 Datasheet HTML 4Page - Texas Instruments LM2696_15 Datasheet HTML 5Page - Texas Instruments LM2696_15 Datasheet HTML 6Page - Texas Instruments LM2696_15 Datasheet HTML 7Page - Texas Instruments LM2696_15 Datasheet HTML 8Page - Texas Instruments LM2696_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RFB1
RFB2
SW
L
COUT
VOUT
LM2696
DCATCH
GND
FB
CBOOT
CBOOT
CEXT
EXTVCC
CSS
CAVIN
CIN
SS
VIN
PVIN
AVIN
RON
RON
SD
PGOOD
VPGOOD
VSD
CSD
LM2696
www.ti.com
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
LM2696 3A, Constant On Time Buck Regulator
Check for Samples: LM2696
1
FEATURES
DESCRIPTION
The LM2696 is a pulse width modulation (PWM) buck
2
Input Voltage Range of 4.5V–24V
regulator capable of delivering up to 3A into a load.
Constant On-Time
The control loop utilizes a constant on-time control
No Compensation Needed
scheme with input voltage feed forward. This provides
a topology that has excellent transient response
Maximum Load Current of 3A
without the need for compensation. The input voltage
Switching Frequency of 100 kHz–500 kHz
feed forward ensures that a constant switching
Constant Frequency Across Input Range
frequency is maintained across the entire VIN range.
TTL Compatible Shutdown Thresholds
The LM2696 is capable of switching frequencies in
Low Standby Current of 12 µA
the range of 100 kHz to 500 kHz. Combined with an
integrated 130 m
Ω high side NMOS switch the
130 m
Ω Internal MOSFET Switch
LM2696 can utilize small sized external components
and provide high efficiency. An internal soft-start and
APPLICATIONS
power-good flag are also provided to allow for simple
High Efficiency Step-Down Switching
sequencing between multiple regulators.
Regulators
The LM2696 is available with an adjustable output in
LCD Monitors
an exposed pad HTSSOP-16 package.
Set-Top Boxes
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2696_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696MXA NSC-LM2696MXA Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
LM2696MXAX NSC-LM2696MXAX Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
More results

Similar Description - LM2696_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
   3A, Constant On Time Buck Regulator
logo
ON Semiconductor
FAN53730 ONSEMI-FAN53730 Datasheet
1Mb / 31P
   Buck Regulator 3A, Constant On Time (COT)
June, 2023 - Rev. 0
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017 Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
[Old version datasheet]   100V, 300mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018 Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019 Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
[Old version datasheet]   100V, 600mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com