Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2698 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2698
Description  LM2698 SIMPLE SWITCHER짰 1.35A Boost Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2698 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2698_15 Datasheet HTML 3Page - Texas Instruments LM2698_15 Datasheet HTML 4Page - Texas Instruments LM2698_15 Datasheet HTML 5Page - Texas Instruments LM2698_15 Datasheet HTML 6Page - Texas Instruments LM2698_15 Datasheet HTML 7Page - Texas Instruments LM2698_15 Datasheet HTML 8Page - Texas Instruments LM2698_15 Datasheet HTML 9Page - Texas Instruments LM2698_15 Datasheet HTML 10Page - Texas Instruments LM2698_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
1.400
1.440
1.460
1.500
1.520
1.540
1.560
-50
-30 -10
10
30
50
70
90
110
Temp (
RC)
1.420
1.480
2
3
4
5
6
7
8
9
10
11
1.4
1.5
1.6
1.7
1.8
1.9
2.0
VOUT = 8V
VIN (V)
VOUT = 12V
1.26
1.28
1.3
1.32
1.34
1.36
1.38
1.4
2
4
6
8
10
12
14
VIN (V)
TA = -40
R C
TA = 25
R C
TA = 85
R C
605
610
615
620
625
630
635
640
645
650
2
4
6
8
10
12
14
VIN (V)
TA = -40
R C
TA = 25
R C
TA = 85
R C
4
5
6
7
8
9
10
11
12
2
4
6
8
10
12
14
VIN (V)
TA = -40
R C
TA = 25
R C
TA = 85
R C
0
50
100
150
200
250
0
2
4
6
8
10
12
14
VIN (V)
TA = -40
R C
TA = 25
R C
TA = 85
R C
LM2698
www.ti.com
SNVS153E – MAY 2001 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Iq(SHDN) vs VIN
RDS(ON) vs VIN
Figure 8.
Figure 9.
Switching Frequency vs VIN (600kHz)
Switching Frequency vs VIN (1.25MHz)
Figure 10.
Figure 11.
ICL vs. Ambient Temperature
VIN = 3.3V, VOUT = 8V
ICL vs. VIN
Figure 12.
Figure 13.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2698


Similar Part No. - LM2698_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2698MM-ADJ NSC-LM2698MM-ADJ Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
LM2698MMX-ADJ NSC-LM2698MMX-ADJ Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
More results

Similar Description - LM2698_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2698 NSC-LM2698 Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
LM2585 TI-LM2585_15 Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM1577 NSC-LM1577_05 Datasheet
1Mb / 31P
   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
Texas Instruments
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com