Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2750 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2750
Description  LM2750 Low-Noise Switched-Capacitor Boost Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2750 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2750_15 Datasheet HTML 6Page - Texas Instruments LM2750_15 Datasheet HTML 7Page - Texas Instruments LM2750_15 Datasheet HTML 8Page - Texas Instruments LM2750_15 Datasheet HTML 9Page - Texas Instruments LM2750_15 Datasheet HTML 10Page - Texas Instruments LM2750_15 Datasheet HTML 11Page - Texas Instruments LM2750_15 Datasheet HTML 12Page - Texas Instruments LM2750_15 Datasheet HTML 13Page - Texas Instruments LM2750_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM2750, LM2750-ADJ
SNVS180M – APRIL 2002 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
7.3.2 Input, Output, And Ground Connections
Making good input, output, and ground connections is essential to achieve optimal LM2750 performance. The
two input pads, pads 8 and 9, must be connected externally. It is strongly recommended that the input capacitor
(CIN) be placed as close as possible to the LM2750, so that the traces from the input pads are as short and
straight as possible. To minimize the effect of input noise on LM2750 performance, it is best to bring two traces
out from the LM2750 all the way to the input capacitor pad, so that they are connected at the capacitor pad.
Connecting the two input traces between the input capacitor and the LM2750 input pads could make the LM2750
more susceptible to noise-related performance degradation. It is also recommended that the input capacitor be
on the same side of the PCB as the LM2750, and that traces remain on this side of the board as well (vias to
traces on other PCB layers are not recommended between the input capacitor and LM2750 input pads).
The two output pads, pads 1 and 2, must also be connected externally. It is recommended that the output
capacitor (COUT) be placed as close to the LM2750 output pads as possible. It is best if routing of output pad
traces follow guidelines similar to those presented for the input pads and capacitor. The flying capacitor (CFLY)
must also be placed as close to the LM2750 as possible to minimize PCB trace length between the capacitor and
the IC. Due to the pad-layout of the part, it is likely that the trace from one of the flying capacitor pads (C+ or C–)
needs to be routed to an internal or opposite-side layer using vias. This is acceptable, and it is much more
advantageous to route a flying capacitor trace in this fashion than it is to place input traces on other layers.
The GND pads of the LM2750 are ground connections and must be connected externally. These include pads 3
(LM2750-5.0 only), 5, 6, and the die-attach pad (DAP). Large, low impedance copper fills and via connections to
an internal ground plane are the preferred way of connecting together the ground pads of the LM2750, the input
capacitor, and the output capacitor, as well as connecting this circuit ground to the system ground of the PCB.
7.3.3 Shutdown
When the voltage on the active-low-logic shutdown pin is low, the LM2750 is in shutdown mode. In shutdown,
the LM2750 draws virtually no supply current. There is a 200-k
Ω pulldown resistor tied between the SD pin and
GND that pulls the SD pin voltage low if the pin is not driven by a voltage source. When pulling the part out of
shutdown, the voltage source connected to the SD pin must be able to drive the current required by the 200-k
resistor. For voltage management purposes required upon start-up, internal switches connect the output of the
LM2750 to an internal pulldown resistor (1 k
Ω typical) when the part is shut down. Driving the output of the
LM2750 by another supply when the LM2750 is shut down is not recommended, as the pulldown resistor was not
sized to sink continuous current.
7.3.4 Soft Start
The LM2750 employs soft start circuitry to prevent excessive input inrush currents during start-up. The output
voltage is programmed to rise from 0 V to the nominal output voltage (5 V) in 500 µs (typical). Soft-start is
engaged when a part, with input voltage established, is taken out of shutdown mode by pulling the SD pin
voltage high. Soft-start also engages when voltage is established simultaneously to the input and SD pins.
7.3.5 Output Current Capability
The LM2750-5.0 provides 120 mA of output current when the input voltage is within 2.9 V to 5.6 V. Using the
LM2750 to drive loads in excess of 120 mA is possible.
NOTE
Understanding relevant application issues is recommended and a thorough analysis of the
application circuit must be performed when using the part outside operating ratings and/or
specifications to ensure satisfactory circuit performance in the application. Special care
must be paid to power dissipation and thermal effects. These parameters can have a
dramatic impact on high-current applications, especially when the input voltage is high.
(see Power Efficiency And Power Dissipation).
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LM2750 LM2750-ADJ


Similar Part No. - LM2750_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2750-ADJ TI1-LM2750-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750LD-5.0 TI-LM2750LD-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
LM2750LD-5.0/NOPB TI1-LM2750LD-5.0/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
More results

Similar Description - LM2750_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SD-50 TI-LM2750SD-50 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com