Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2773 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2773
Description  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2773 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2773_15 Datasheet HTML 5Page - Texas Instruments LM2773_15 Datasheet HTML 6Page - Texas Instruments LM2773_15 Datasheet HTML 7Page - Texas Instruments LM2773_15 Datasheet HTML 8Page - Texas Instruments LM2773_15 Datasheet HTML 9Page - Texas Instruments LM2773_15 Datasheet HTML 10Page - Texas Instruments LM2773_15 Datasheet HTML 11Page - Texas Instruments LM2773_15 Datasheet HTML 12Page - Texas Instruments LM2773_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM2773
www.ti.com
SNVS554A – JANUARY 2008 – REVISED MAY 2013
OPERATION DESCRIPTION
Overview
The LM2773 is a switched capacitor converter that produces a selectable 1.8V or 1.6V regulated output. The
core of the part is a highly efficient charge pump that utilizes fixed frequency pre-regulation, Pulse Frequency
Modulation, and spread spectrum to minimize conducted noise and power losses over wide input voltage and
output current ranges. A description of the principal operational characteristics of the LM2773 is detailed in the
Circuit Description, and Efficiency Performance sections. These sections refer to details in the Block Diagram.
Circuit Description
The core of the LM2773 is a two-phase charge pump controlled by an internally generated non-overlapping
clock. The charge pump operates by using external flying capacitors C1 and C2 to transfer charge from the input
to the output. The LM2773 will operate in a 1x Gain, with the input current being equal to the load current, when
the input voltage is at or below 3.5V (typ.) for 1.8V mode or 3.3V (typ.) for 1.6V mode. At input voltages above
3.5V (typ.) or 3.3V (typ.) for the respective voltage mode selected, the part utilizes a gain of 2/3x, resulting in an
input current equal to 2/3 times the load current.
The two phases of the switched capacitor switching cycle will be referred to as the "charge phase" and the
"discharge phase". During the charge phase, the flying capacitor is charged by the input supply. After half of the
switching cycle [ t = 1/(2×FSW) ], the LM2773 switches to the discharge phase. In this configuration, the charge
that was stored on the flying capacitors in the charge phase is transferred to the output.
The LM2773 uses fixed frequency pre-regulation to regulate the output voltage to 1.8V during moderate to high
load currents. The input and output connections of the flying capacitors are made with internal MOS switches.
Pre-regulation limits the gate drive of the MOS switch connected between the voltage input and the flying
capacitors. Controlling the on resistance of this switch limits the amount of charge transferred into and out of
each flying capacitor during the charge and discharge phases, and in turn helps to keep the output ripple very
low.
When output currents are low (<40mA typ.), the LM2773 automatically switches to a low-ripple Pulse Frequency
Modulation (PFM) form of regulation. In PFM mode, the flying capacitors stay in the discharge phase until the
output voltage drops below a predetermined trip point. When this occurs, the flying capacitors switch back to the
charge phase. After being charged, the flying capacitors repeat the process of staying in the discharge phase
and switching to the charge phase when necessary.
The LM2773 utilizes spread spectrum operation to distrubute the peak radiated energy of the device over a wider
frequency band, reducing electromagnetic interference (EMI). Spread spectrum is used during all modes of
operation for the LM2773.
Efficiency Performance
Charge-pump efficiency is derived in the following two ideal equations (supply current and other losses are
neglected for simplicity):
IIN = G × IOUT
(1)
E = (VOUT × IOUT) ÷ (VIN × IIN) = VOUT ÷ (G × VIN)
(2)
In the equations, G represents the charge pump gain. Efficiency is at its highest as G×VIN approaches VOUT.
Refer to the efficiency graph in the Typical Performance Characteristics section for detailed efficiency data. The
transition between the gain of 1x and 2/3x is clearly distinguished by the sharp discontinuity in the efficiency
curve.
Shutdown and Voltage Select
The LM2773 is in shutdown mode when the voltage on the enable pin (EN) is logic-low. In shutdown, the
LM2773 draws virtually no supply current. When in shutdown, the output of the LM2773 is completely
disconnected from the input. Internal feedback resistors pull the output voltage down to 0V during shutdown.
The SEL pin sets the output voltage at either 1.8V or 1.6V. A logic-low voltage on the SEL pin will place the
output of the LM2773 in the 1.6V mode, and a logic-high voltage on the SEL pin will place it into the 1.8V mode.
There are 350k
Ω pull-down resistors connected internally between the EN pin and GND and the SEL pin and
GND.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2773


Similar Part No. - LM2773_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2773TL NSC-LM2773TL Datasheet
326Kb / 12P
   Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
LM2773TLX NSC-LM2773TLX Datasheet
326Kb / 12P
   Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
More results

Similar Description - LM2773_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2773 NSC-LM2773 Datasheet
326Kb / 12P
   Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
LM2772 TI-LM2772_15 Datasheet
2Mb / 17P
[Old version datasheet]   LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Analog Devices
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
   40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
logo
National Semiconductor ...
LM2780 NSC-LM2780 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
logo
Linear Technology
LTC3543 LINER-LTC3543_15 Datasheet
339Kb / 20P
   600mA Synchronous Step Down Buck Regulator with PLL, Soft-Start and Spread Spectrum
logo
National Semiconductor ...
LM2781 NSC-LM2781 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com