Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP02S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HP02S
Description  One hardware controlled reset line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HP02S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HP02S Datasheet HTML 1Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 2Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 3Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 4Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 5Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Hope RF
HP02S
BAROMETER MODULE
2011-6-8
Version: 1.4
3
Pressure and Temperature Measurement
The main function of HP02S system is to convert the uncompensated pressure and
temperature signal from a pressure sensor. After the conversion, the following two values
can be obtained:
. measured temperature
“T1”
. measured pressure
“D1”
As the sensor is strongly temperature dependent, it is necessary to compensate for these
effects. Therefore 5 sensor-specific coefficients are stored on the HP02S at our
manufacturing facility, and they allow an accurate software compensation in the
application.
The 5 coefficients are:
. “D0”: Offset of pressure coefficient.
. “T0”: Offset temperature.
. “P0”: Offset fine tuning of pressure.
. “S”: Temperature coefficient of sensitivity.
. “C”: Constant parameter for each sensor.
Note: Make sure to pull low XCLR before start to Read these coefficients or the data read
out is probably incorrect
Pressure and Temperature Calculation:
Step 1: (calculate offset, sensitivity and final pressure value)
dUP=D1-D0
dUT=(29*(T1-T0)/50-(T1-T0)^2/76666)*S/C
P=P0+100*(dUP+dUT)/S
Example:
D0=41058
T0=32819
P0=10143
S=294
C=320
D1=42920
T1=29889
dUP = 42920-41058 =1862
dUT=
(29*(29889-32819)/50-(29889-32819)^2/76666)*294/320=-
1664
P=10143+100*(1862-1664)/294=10210=1021.0hpa


Similar Part No. - HP02S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HP0215AFKP2-S NKK-HP0215AFKP2-S Datasheet
137Kb / 4P
   6mm Tactiles
HP0215AFKP4-S NKK-HP0215AFKP4-S Datasheet
137Kb / 4P
   6mm Tactiles
More results

Similar Description - HP02S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Alpha & Omega Semicondu...
AOZ8211 AOSMD-AOZ8211 Datasheet
295Kb / 6P
   One-line TVS Diode
AOZ8201 AOSMD-AOZ8201 Datasheet
334Kb / 6P
   One-line TVS Diode
logo
Maxim Integrated Produc...
MAX6467 MAXIM-MAX6467 Datasheet
265Kb / 9P
   Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset
Rev 0; 7/02
logo
Texas Instruments
TLV5638-EP TI-TLV5638-EP Datasheet
626Kb / 20P
[Old version datasheet]   Controlled Baseline One Assembly/Test Site, One Fabrication Site
logo
Alpha & Omega Semicondu...
AOZ8251 AOSMD-AOZ8251 Datasheet
256Kb / 6P
   One-line Bidirectional TVS Diode
logo
Linear Technology
LTC699X-X LINER-LTC699X-X Datasheet
398Kb / 14P
   TimerBlox: Oscillators, One Shots, PWM, Delay, Power on Reset
logo
Alpha & Omega Semicondu...
AOZ8231A AOSMD-AOZ8231A Datasheet
348Kb / 7P
   One-line Bi-directional TVS Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com