Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPTA25000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HPTA25000
Description  High Temperature Pressure Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPTA25000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HPTA25000 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPTA25000 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPTA25000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HPTA25000
High Temperature Pressure Sensor
● 0 to 25MPa pressure range
● high stability
● anti-high-temperature
● RoHS-compatible & Pb-free
● Provide the other gage pressure range
sensor
DESCRIPTION
HPTA25000 is a kind of high temperature MEMS sensor based on SOI
semiconductor materiel . Its operating temperature is -30~180°C. With advanced
beam--diaphragm structure design and stress equipartition technology adopted,
HPTA25000 sensor has the advantages of high temperature resistance, transient high
temperature shock immunity, high measuring range and high overload which make it ideal
for pressure self-control testing equipments used in aerospace / aviation, energy
transportation, oil exploitation, heat process automation in Chemical industry,
metallurgical automation, etc.
HPT series sensors have been widely used for measuring diesel spray pressure in
the self-control testing components of diesel engines in vehicles and vessels. HPT
sensors still can operate normally even though the environment temperature exceeds 180
℃.
HPT sensors are produced first by ion implanting the four piezoresistors into silicon.
The four resistors are connected in a Wheatstone bridge arrangement, whereby two
resistors increase with positive pressure while the other two decrease in resistance. When
pressure is applied to the device and two ports of the resistor bridge are supplied with
power source, the other two ports will output an electric signal which is directly
proportional to pressure. Stress equipartition technology is introduced into the design of
die, making the device more robust against high overload. Furthermore, the resistors are
isolated with insulating medium which guarantees the high steadiness of sensor device.
Part number System
HPTA 25000
Pressure range
Pressure type
Package
Package:
A: Absolute pressure sensor DIE
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.cn


Similar Part No. - HPTA25000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPTA2000 ETC2-HPTA2000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
More results

Similar Description - HPTA25000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPTA0040 ETC2-HPTA0040 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0200 ETC2-HPTA0200 Datasheet
199Kb / 3P
   High Temperature Pressure Sensor
HPTA2000 ETC2-HPTA2000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0700 ETC2-HPTA0700 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0020 ETC2-HPTA0020 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA1000 ETC2-HPTA1000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0100 ETC2-HPTA0100 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA4000 ETC2-HPTA4000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA6000 ETC2-HPTA6000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA40000 ETC2-HPTA40000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com