Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM73 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RFM73
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM73 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RFM73 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM73 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Page 3 of 27
RFM73 V2.0
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
1
General Description
RFM73 is a GFSK transceiver operating in
the world wide ISM frequency band at 2400-
2483.5 MHz. Burst mode transmission and up
to 2Mbps air data rate make them suitable for
applications
requiring
ultra
low
power
consumption.
The
embedded
packet
processing engines enable their full operation
with a very simple MCU as a radio system.
Auto re-transmission and auto acknowledge
give
reliable
link
without
any
MCU
interference.
RFM73 operates in TDD mode, either as a
transmitter or as a receiver.
The RF channel frequency determines the
center of the channel used by RFM73. The
frequency is set by the RF_CH register in
register bank 0 according to the following
formula: F0= 2400 + RF_CH (MHz). The
resolution of the RF channel frequency is
1MHz.
A
transmitter
and
a
receiver
must
be
programmed
with
the
same
RF
channel
frequency to be able to communicate with
each other.
The output power of RFM73 is set by the
RF_PWR bits in the RF_SETUP register.
Demodulation is done with embedded data
slicer and bit recovery logic. The air data rate
can be programmed to 250Kbps, 1Mbps or
2Mbps by RF_DR_HIGH and RF_DR_LOW
register. A transmitter and a receiver must be
programmed with the same setting.
In the following chapters, all registers are in
register bank 0 except with explicit claim.
RFP
RFN
Integrated
TDD RF
Transceiver
FM
Demodulator
Power
Management
Data Slicer
Rx FIFO
Packet
Processing &
State Control
CSN
SCK
MOSI
MISO
IRQ
CE
FM Modulator
Gaussian
shaping
Tx FIFO
Figure 1 RFM73 Chip Block Diagram


Similar Part No. - RFM73

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RFM73100RDC1P TOKEN-RFM73100RDC1P Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM73100RDC1TR TOKEN-RFM73100RDC1TR Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM73100RDC2P TOKEN-RFM73100RDC2P Datasheet
318Kb / 3P
   RFM High Frequency MELF Resistors
RFM73100RDC2P TOKEN-RFM73100RDC2P Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM73100RDC2T TOKEN-RFM73100RDC2T Datasheet
318Kb / 3P
   RFM High Frequency MELF Resistors
More results

Similar Description - RFM73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM75P ETC2-RFM75P Datasheet
612Kb / 26P
   Low Power High Performance 2.4 GHz GFSK Transceiver
RFM75 ETC2-RFM75 Datasheet
757Kb / 27P
   Low Power High Performance 2.4 GHz GFSK Transceiver
TRW-24G2 ETC2-TRW-24G2 Datasheet
1Mb / 22P
   Low Power High Performance 2.4 GHz GFSK Transceiver
BK2425 ETC2-BK2425 Datasheet
1Mb / 30P
   Low Power High Performance 2.4 GHz GFSK Transceiver
RFM73P ETC2-RFM73P Datasheet
865Kb / 25P
   Low Power High Performance 2.4 GHz GFSK Transceiver Module
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
NXP Semiconductors
MCR20AVHM NXP-MCR20AVHM Datasheet
636Kb / 39P
   Low power, high-performance 2.4 GHz IEEE 802.15.4 compliant transceiver with connectivity
Rev. 3.2, 07/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com