Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM73P Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RFM73P
Description  Low Power High Performance 2.4 GHz GFSK Transceiver Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM73P Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RFM73P Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
IRQ to MCU.
Two
packet
loss counters
(ARC_CNT and PLOS_CNT) are incremented
each time a packet is lost. The ARC_CNT
counts the number of retransmissions for the
current transaction.
The PLOS_CNT counts
the total number of retransmissions since the
last channel change. ARC_CNT is reset by
initiating a new transaction.
PLOS_CNT is
reset by writing to the RF_CH register. It is
possible
to
use
the
information
in
the
OBSERVE_TX register to make an overall
assessment of the channel quality.
The PTX device will retransmit if its RX FIFO
is full but received ACK frame has payload.
As an alternative for PTX device to auto
retransmit it is possible
to manually set the
RFM73P-S2 to retransmit a packet a number of
times. This is done by the REUSE_TX_PL
command.
When auto acknowledge is enabled, the PRX
device will automatically check the NO_ACK
field in received packet, and if NO_ACK=0, it
will
automatically
send
an
acknowledge
packet to PTX device. If EN_ACK_PAY is set,
and the acknowledge packet can also include
pending payload in TX FIFO.
6 Data and Control Interface
6.1
TX/RX FIFO
The data FIFOs are used to store payload that
is to be transmitted (TX FIFO) or payload that
is received and ready to be clocked out (RX
FIFO). The FIFO is accessible in both PTX
mode and PRX mode.
There are three levels 32 bytes FIFO for both
TX and RX, supporting
both acknowledge
mode or no acknowledge mode with up to six
pipes.
TX three levels, 32 byte FIFO
RX three levels, 32 byte FIFO
Both
FIFOs
have
a
controller
and
are
accessible through the SPI by using dedicated
SPI commands. A TX FIFO in PRX can store
payload for ACK packets to three different
PTX devices. If the TX FIFO contains more
than one payload
to a pipe, payloads are
handled using the first in first out principle.
The TX FIFO in a PRX is blocked if all
pending payloads are addressed to pipes where
the link to the PTX is lost. In this case, the
MCU can flush the TX FIFO by using the
FLUSH_TX command.
The RX FIFO in PRX may contain payload
from up to three different PTX devices.
.
A TX FIFO in PTX can have up to three
payloads stored.
The TX FIFO can be written to by three
commands,
W_TX_PAYLOAD
and
W_TX_PAYLOAD_NO_ACK
in PTX mode
and W_ACK_PAYLOAD in PRX mode. All
three commands give access to the TX_PLD
register.
The RX FIFO can be read by the command
R_RX_PAYLOAD
in both PTX
and PRX
mode. This command gives access to the
RX_PLD register.
The payload in TX FIFO in a PTX is NOT
removed if the MAX_RT IRQ is asserted.
In the FIFO_STATUS register it is possible to
read if the TX and RX FIFO are full or empty.
The TX_REUSE bit is also available in the
FIFO_STATUS register. TX_REUSE is set by
the SPI command REUSE_TX_PL, and is
reset
by
the
SPI
command:
W_TX_PAYLOAD or FLUSH TX.
6.2
Interrupt
In RFM73P-S2 there is an active low interrupt
(IRQ) pin, which is activated when TX_DS
IRQ, RX_DR IRQ or MAX_RT IRQ are set
high by the state machine in the STATUS
register. The IRQ pin resets when MCU writes
'1' to the IRQ source bit in the STATUS
register. The IRQ mask in the CONFIG
RFM73P-S2 V2.0


Similar Part No. - RFM73P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM73 ETC2-RFM73 Datasheet
1Mb / 27P
   Low Power High Performance 2.4 GHz GFSK Transceiver
logo
Token Electronics Indus...
RFM73100RDC1P TOKEN-RFM73100RDC1P Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM73100RDC1TR TOKEN-RFM73100RDC1TR Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM73100RDC2P TOKEN-RFM73100RDC2P Datasheet
318Kb / 3P
   RFM High Frequency MELF Resistors
RFM73100RDC2P TOKEN-RFM73100RDC2P Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
More results

Similar Description - RFM73P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM75P ETC2-RFM75P Datasheet
612Kb / 26P
   Low Power High Performance 2.4 GHz GFSK Transceiver
RFM73 ETC2-RFM73 Datasheet
1Mb / 27P
   Low Power High Performance 2.4 GHz GFSK Transceiver
RFM75 ETC2-RFM75 Datasheet
757Kb / 27P
   Low Power High Performance 2.4 GHz GFSK Transceiver
TRW-24G2 ETC2-TRW-24G2 Datasheet
1Mb / 22P
   Low Power High Performance 2.4 GHz GFSK Transceiver
BK2425 ETC2-BK2425 Datasheet
1Mb / 30P
   Low Power High Performance 2.4 GHz GFSK Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
logo
Microchip Technology
ZG2100M MICROCHIP-ZG2100M Datasheet
592Kb / 32P
   2.4 GHz 802.11b Low Power Transceiver Module
2010
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
   2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com