Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM75 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM75
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM75 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM75 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM75 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM75 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM75 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM75 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM75 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM75 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM75 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM75 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
 
 
 
RFM75 V1.0 
Features
2400-2483.5 MHz ISM band operation
Support 250Kbps, 1Mbps and 2 Mbps air
data rate
Programmable output power
Tolerate +/- 60ppm 16 MHz crystal
Variable payload length from 1 to 32bytes
Automatic packet processing
6 data pipes for 1:6 star networks
1.9V to 3.6V power supply
4-pin SPI interface with maximum 8 MHz
clock rate
7
20-pin 4x4mm QFN package
Applications
RFM75C
RFM75
Wireless PC peripherals
Wireless gamepads
Wireless audio
Remote controls
Home automation
Toys
Block Diagram
RFP
RFN
Integrated
TDD RF
Transceiver
FM
Demodulator
Power
Management
Data Slicer
Rx FIFO
Packet
Processing &
State Control
CSN
SCK
MOSI
MISO
IRQ
CE
FM Modulator
Gaussian
shaping
Tx FIFO
XTALP
XTALN
Revision 1.0
Copyright © 2013
Beken Corporation
Jan, 2013
Page 1 of 30
Low Power High Performance 2.4 GHz GFSK Transceiver
 


Similar Part No. - RFM75

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
RFM75-D HOPE-RFM75-D Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
RFM75-S HOPE-RFM75-S Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
logo
Token Electronics Indus...
RFM75100RDC1P TOKEN-RFM75100RDC1P Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
RFM75100RDC1TR TOKEN-RFM75100RDC1TR Datasheet
439Kb / 5P
   Non-Inductive High Frequency Melf Resistors
More results

Similar Description - RFM75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM75P ETC2-RFM75P Datasheet
612Kb / 26P
   Low Power High Performance 2.4 GHz GFSK Transceiver
RFM73 ETC2-RFM73 Datasheet
1Mb / 27P
   Low Power High Performance 2.4 GHz GFSK Transceiver
TRW-24G2 ETC2-TRW-24G2 Datasheet
1Mb / 22P
   Low Power High Performance 2.4 GHz GFSK Transceiver
BK2425 ETC2-BK2425 Datasheet
1Mb / 30P
   Low Power High Performance 2.4 GHz GFSK Transceiver
RFM73P ETC2-RFM73P Datasheet
865Kb / 25P
   Low Power High Performance 2.4 GHz GFSK Transceiver Module
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
NXP Semiconductors
MCR20AVHM NXP-MCR20AVHM Datasheet
636Kb / 39P
   Low power, high-performance 2.4 GHz IEEE 802.15.4 compliant transceiver with connectivity
Rev. 3.2, 07/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com