Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM85W-433D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM85W-433D
Description  LOW POWER CONSUMPTION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM85W-433D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM85W-433D Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM85W-433D Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM85W-433D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RFM85W-433D V1.0
ASK TRANSMITTER MODULE
RFM85W-433D
General Introduction
The RFM85W-433D is an ASK transmitter module .The result is excellent performance in a simple-to-use .The
RFM85W-433D is designed specifically for remote-control , wireless mouse and car alarm system operating at
433.92 MHz in the USA under FCC Part 15 regulation.
RFM85W-433D
Features:
• Ideal for 433.92 MHz Remote Keyless-Entry Transmitter.
• SAW RESONATOR
• ASK Design
• 2.2V~5.5V POWER SUPPLY
• LOW POWER CONSUMPTION
Typical Application:
• Remote control
• Remote sensor
• Wireless data collection
• Home security system
•car alarm system
• Toys
• Tire pressure monitoring system
Pin Definition:
PIN
Connections
1
VCC
2
DATA
3
GND
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
1


Similar Part No. - RFM85W-433D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM83 ETC2-RFM83 Datasheet
247Kb / 5P
   RFM83 Series ASK/OOK Super-heterodyne receiver module
RFM83C-315D ETC2-RFM83C-315D Datasheet
544Kb / 9P
   ASK/OOK Super-heterodyne receiver module
RFM83C-315D-A ETC2-RFM83C-315D-A Datasheet
544Kb / 9P
   ASK/OOK Super-heterodyne receiver module
RFM83C-315D-B ETC2-RFM83C-315D-B Datasheet
544Kb / 9P
   ASK/OOK Super-heterodyne receiver module
RFM83C-315D-C ETC2-RFM83C-315D-C Datasheet
544Kb / 9P
   ASK/OOK Super-heterodyne receiver module
More results

Similar Description - RFM85W-433D

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com