Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL-SG2210P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TL-SG2210P
Description  8-Port Gigabit Smart PoE Switch with 2 SFP Slots
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TL-SG2210P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TL-SG2210P Datasheet HTML 1Page - List of Unclassifed Manufacturers TL-SG2210P Datasheet HTML 2Page - List of Unclassifed Manufacturers TL-SG2210P Datasheet HTML 3Page - List of Unclassifed Manufacturers TL-SG2210P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.tp-link.com
Datasheet
Quality of Service (QoS)
Support 802.1p CoS/DSCP priority
Support 4 priority queues
Queue scheduling: SP, WRR, SP+WRR
Port/Flow- based Rate Limiting
Voice VLAN assure voice applications much smoother
performance
Advanced Security Strategies
Support Broadcast, Multicast and Unknown unicast Storm
Control
Static/Dynamic Port Security (MAC-based)
Access Control List (ACL)-L2~L4 package ltering based on
source and destination MAC address, IP address, TCP/UDP
ports
SSL and SSH encryptions
Management
Support Web-based GUI management mode
Support Command Line Interface(CLI) through telnet
management mode
SNMP v1/v2c/v3
RMON (1, 2, 3, 9 groups)
DHCP/BOOTP Client
CPU Monitoring
Port Mirroring (Many to One)
Cable Diagnostics feature
Ping/Tracert feature
System Log
Ethernet Protocols
IEEE 802.3i 10BASE-T
IEEE 802.3u 100BASE-TX/FX
IEEE 802.3ab 1000BASE-T
IEEE 802.3z 1000BASE-X
IEEE 802.3x Flow control
IEEE 802.1p QoS
IEEE 802.1q VLANs / VLAN tagging
IEEE 802.1D Spanning Tree Protocol (STP)
IEEE 802.1W Rapid Spanning Tree (RSTP)
IEEE 802.1S Multiple Spanning Tree (MSTP)
MIBs
MIB II (RFC1213)
Interface MIB (RFC2233)
Ethernet Interface MIB (RFC843)
Bridge MIB (RFC1493)
P/Q-Bridge MIB (RFC2674)
RMON MIB (RFC2819)
RMON2 MIB (RFC2021)
Remote Ping, Traceroute MIB (RFC2925)
Support TP-LINK private MIBs
Ordering Information
Host Switch
Product Model
TL-SG2210P
Routers
Product Model
TL-ER604W
TL-R470T+
SFP Modules
Product Model
TL-SM311LS
TL-SM311LM
TL-SM321A
TL-SM321B
Media Converters
Product Model
MC210CS
MC200CM
MC220L
MC1400
Description
Description
SafeStream Wireless N Gigabit Broadband VPN Router
Load Balance Broadband Router
Description
Gigabit SFP module, Single-mode, LC interface, Up to 10km distance
Gigabit SFP module, Multi-mode, LC interface, Up to 550m distance
Gigabit WDM Bi-Directional SFP Module, single-mode, LC connector, TX:1550nm/RX:1310nm, 10km
Gigabit WDM Bi-Directional SFP Module, single-mode, LC connector, TX:1310nm/RX:1550nm, 10km
Description
Gigabit single-mode SC SFP Transceiver, up to 15Km, chassis mountable
Gigabit multi-mode SC SFP Transceiver, up to 550m, chassis mountable
Gigabit SFP slot supporting mini-GBIC modules, chassis mountable
14-slot power supply chassis for TP-LINK Media Converter, 19-inch rack-mountable
8-Port Gigabit Smart PoE Switch with 2 SFP Slots
Specifications are subject to change without notice. TP-LINK is a registered trademark of TP-LINK Technologies Co., Ltd. Other brands and product
names are trademarks or registered trademarks of their respective holders. Copyright @ 2014 TP-LINK TECHNOLOGIES CO., LTD. All rights reserved.


Similar Part No. - TL-SG2210P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL-SG2216 ETC2-TL-SG2216 Datasheet
1Mb / 4P
   Gigabit Smart Switch
More results

Similar Description - TL-SG2210P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL-SG2008 ETC2-TL-SG2008 Datasheet
1Mb / 4P
   8-Port Gigabit Smart Switch
logo
Level One
GEP-2650 LVL1-GEP-2650 Datasheet
94Kb / 3P
   26-Port Web Smart Gigabit PoE Switch, 802.3at PoEplus, 24 PoE Outputs, 370W, 2 x SFP
GEP-0821 LVL1-GEP-0821 Datasheet
710Kb / 3P
   8-Port Gigabit PoE Plus Switch
GEP-0822 LVL1-GEP-0822 Datasheet
735Kb / 3P
   8-Port Gigabit PoE Plus Switch
GEP-0820 LVL1-GEP-0820 Datasheet
821Kb / 3P
   8-Port Gigabit PoE Plus Switch
logo
Advantech Co., Ltd.
EKI-5729F-AE ADVANTECH-EKI-5729F-AE Datasheet
392Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView switch
EKI-5729F ADVANTECH-EKI-5729F Datasheet
448Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView Switch
21-Aug-2020
EKI-5729FI-AE ADVANTECH-EKI-5729FI-AE Datasheet
392Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView Switch
logo
Level One
GSW-4876 LVL1-GSW-4876_16 Datasheet
492Kb / 5P
   50-Port Web Smart Gigabit Ethernet Switch, 2 x SFP
logo
ORing Industrial Networ...
TGPS-1080-M12-BP2 ORING-TGPS-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com