Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2831 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2831
Description  LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2831 Datasheet(HTML) 2 Page - Texas Instruments

  LM2831_15 Datasheet HTML 1Page - Texas Instruments LM2831_15 Datasheet HTML 2Page - Texas Instruments LM2831_15 Datasheet HTML 3Page - Texas Instruments LM2831_15 Datasheet HTML 4Page - Texas Instruments LM2831_15 Datasheet HTML 5Page - Texas Instruments LM2831_15 Datasheet HTML 6Page - Texas Instruments LM2831_15 Datasheet HTML 7Page - Texas Instruments LM2831_15 Datasheet HTML 8Page - Texas Instruments LM2831_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LM2831
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 11
1
Features .................................................................. 1
8
Application and Implementation ........................ 12
2
Applications ........................................................... 1
8.1
Application Information............................................ 12
3
Description ............................................................. 1
8.2
Typical Applications ............................................... 12
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 25
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 25
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 25
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 29
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 30
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 30
6.4
Thermal Information .................................................. 4
11.2
Documentation Support ........................................ 30
6.5
Electrical Characteristics........................................... 5
11.3
Community Resources.......................................... 30
6.6
Typical Characteristics .............................................. 6
11.4
Trademarks ........................................................... 30
7
Detailed Description .............................................. 9
11.5
Electrostatic Discharge Caution ............................ 30
7.1
Overview ................................................................... 9
11.6
Glossary ................................................................ 30
7.2
Functional Block Diagram ......................................... 9
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................... 9
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (April 2013) to Revision D
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
Changes from Revision B (April 2013) to Revision C
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 24
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM2831


Similar Part No. - LM2831_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
More results

Similar Description - LM2831_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
logo
Allegro MicroSystems
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com