Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2842-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2842-Q1
Description  Input Step-Down DC/DC Regulator in Thin SOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2842-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2842-Q1 Datasheet HTML 6Page - Texas Instruments LM2842-Q1 Datasheet HTML 7Page - Texas Instruments LM2842-Q1 Datasheet HTML 8Page - Texas Instruments LM2842-Q1 Datasheet HTML 9Page - Texas Instruments LM2842-Q1 Datasheet HTML 10Page - Texas Instruments LM2842-Q1 Datasheet HTML 11Page - Texas Instruments LM2842-Q1 Datasheet HTML 12Page - Texas Instruments LM2842-Q1 Datasheet HTML 13Page - Texas Instruments LM2842-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
0.8V OUT
4.5V to 12V IN
D1
MA2YD26
R1
30.9
R2
787
CBOOT
VIN
CIN
2.2 PF
L1
10 PH
COUT
100 PF
0.15 PF
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
15V OUT
18V to 42V IN
D1
MA2YD26
R1
28k
R2
1.5k
CBOOT
VIN
CIN
2.2 PF
L1
47 PH
COUT
22 PF
0.15 PF
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
12V OUT
15V to 42V IN
D1
MA2YD26
R1
14.7k
R2
1k
CBOOT
VIN
CIN
2.2 PF
L1
47 PH
COUT
22 PF
0.15 PF
FB
GND
SW
CB
SHDN
LM2840/1/2-ADJL
5V OUT
7V to 42V IN
R1
R2
5.62k
1.02k
D1
MA2YD26
CBOOT
VIN
CIN
2.2 PF
L1
15 PH
COUT
47 PF
0.15 PF
LM2841, LM2842
SNVS540H – MARCH 2009 – REVISED APRIL 2013
www.ti.com
Figure 15. Application Circuit, 5V Output
Figure 16. Application Circuit, 12V Output
Figure 17. Application Circuit, 15V Output
Figure 18. Application Circuit, 0.8V Output
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2841 LM2842


Similar Part No. - LM2842-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2842 NSC-LM2842 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2842 TI1-LM2842 Datasheet
845Kb / 19P
[Old version datasheet]   LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
logo
National Semiconductor ...
LM2842XMK-ADJL NSC-LM2842XMK-ADJL Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM2842XMK-ADJL TI1-LM2842XMK-ADJL Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2842XMK-ADJL/NOPB TI1-LM2842XMK-ADJL/NOPB Datasheet
845Kb / 19P
[Old version datasheet]   LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
More results

Similar Description - LM2842-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com