Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3209-G3 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3209-G3
Description  LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3209-G3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3209-G3_15 Datasheet HTML 5Page - Texas Instruments LM3209-G3_15 Datasheet HTML 6Page - Texas Instruments LM3209-G3_15 Datasheet HTML 7Page - Texas Instruments LM3209-G3_15 Datasheet HTML 8Page - Texas Instruments LM3209-G3_15 Datasheet HTML 9Page - Texas Instruments LM3209-G3_15 Datasheet HTML 10Page - Texas Instruments LM3209-G3_15 Datasheet HTML 11Page - Texas Instruments LM3209-G3_15 Datasheet HTML 12Page - Texas Instruments LM3209-G3_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LM3209-G3
www.ti.com
SNVS626B – NOVEMBER 2009 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(VIN = PVIN = EN = 3.6V and TA = 25°C, unless otherwise noted)
Efficiency
Efficiency
vs
vs
Output Current
Output Current
(VOUT = 3.5V)
(VOUT = 4.1V)
Figure 14.
Figure 15.
RDSON
RDSON
vs
vs
Temperature
Supply Voltage
(M1 PFET, ISW = 200 mA)
(M1 Small PFET, ISW = 200 mA)
Figure 16.
Figure 17.
RDSON
RDSON
vs
vs
Supply Voltage
Supply Voltage
(M2, M4 NFET, ISW = -200 mA)
(M3 and M5 FET, ISW = 200 mA)
Figure 18.
Figure 19.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3209-G3


Similar Part No. - LM3209-G3_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3209-G3 TI1-LM3209-G3_16 Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
More results

Similar Description - LM3209-G3_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3209-G3 TI1-LM3209-G3 Datasheet
186Kb / 6P
[Old version datasheet]   LM3209-G3 PRODUCT BRIEF Seamless-Transition Buck-Boost Converter for Battery- Powered 3G/4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI1-LM3269_16 Datasheet
2Mb / 27P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
LM3209-G3 TI1-LM3209-G3_16 Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
LM3279 TI-LM3279_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
LM3279 TI-LM3279 Datasheet
1Mb / 31P
[Old version datasheet]   LM3279 Buck-Boost Converter with MIPI RFFE Interfacefor 3G and 4G RF Power Amplifiers
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com