Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3678 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3678
Description  High-Performance Miniature 1.5-A Step-Down DC-DC Converter for Handheld Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3678 Datasheet(HTML) 5 Page - Texas Instruments

  LM3678 Datasheet HTML 1Page - Texas Instruments LM3678 Datasheet HTML 2Page - Texas Instruments LM3678 Datasheet HTML 3Page - Texas Instruments LM3678 Datasheet HTML 4Page - Texas Instruments LM3678 Datasheet HTML 5Page - Texas Instruments LM3678 Datasheet HTML 6Page - Texas Instruments LM3678 Datasheet HTML 7Page - Texas Instruments LM3678 Datasheet HTML 8Page - Texas Instruments LM3678 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TEMPERATURE (°C)
2.50
2.45
2.40
2.35
2.30
2.25
2.20
2.15
2.10
2.05
2.00
1.95
1.90
-30
-10
10
30
50
70
90
VIN = 2.5V
VIN = 5.5V
VIN = 3.6V
LOAD (A)
90
80
70
60
50
40
30
20
10
0
0.0001 0.0010
0.010
0.100
1.000
10.000
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
VIN = 2.5V, 2.7V
TEMPERATURE (°C)
150
140
130
120
110
100
90
80
70
-30
-10
10
30
50
70
90
VIN = 2.5V
VIN = 5.5V
VIN = 3.6V
TEMPERATURE (°C)
220
200
180
160
140
120
100
80
-30
-10
10
30
50
70
90
VIN = 2.5V
VIN = 5.5V
VIN = 3.6V
TEMPERATURE (°C)
500
475
450
425
400
375
350
325
300
275
250
-30
-10
10
30
50
70
90
VIN = 2.5V
VIN = 5.5V
VIN = 3.6V
TEMPERATURE (°C)
3.50
3.45
3.40
3.35
3.30
3.25
3.20
3.15
3.10
3.05
3.00
-30
-10
10
30
50
70
90
VIN = 2.5V
VIN = 5.5V
VIN = 3.6V
LM3678
www.ti.com
SNVS464C – APRIL 2008 – REVISED MAY 2013
Typical Performance Characteristics
LM3678SD, Circuit of Figure 1, VIN= 3.6V, VOUT= 1.2V, CIN = 10µF, COUT = 22µF, and TA= 25°C, unless otherwise noted.
Quiescent Supply Current vs. Temperature
Switching Frequency vs. Temperature
Figure 6.
Figure 7.
NFET_ RDSON vs. Temperature
PFET_RDSON vs. Temperature
Figure 8.
Figure 9.
ILIMIT vs. Temperature (Open Loop)
Efficiency PWM Mode vs. ILOAD (0.8V)
Figure 10.
Figure 11.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3678


Similar Part No. - LM3678

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3678 NSC-LM3678 Datasheet
1Mb / 14P
   High-Performance, Miniature 1.5A Step-Down DC-DC Converter for Handheld Applications
logo
Texas Instruments
LM3678 TI1-LM3678 Datasheet
1Mb / 18P
[Old version datasheet]   High-Performance Miniature 1.5-A Step-Down DC-DC Converter for Handheld Applications
logo
National Semiconductor ...
LM3678SD-1.2 NSC-LM3678SD-1.2 Datasheet
1Mb / 14P
   High-Performance, Miniature 1.5A Step-Down DC-DC Converter for Handheld Applications
LM3678SDE-1.2 NSC-LM3678SDE-1.2 Datasheet
1Mb / 14P
   High-Performance, Miniature 1.5A Step-Down DC-DC Converter for Handheld Applications
LM3678SDX-1.2 NSC-LM3678SDX-1.2 Datasheet
1Mb / 14P
   High-Performance, Miniature 1.5A Step-Down DC-DC Converter for Handheld Applications
More results

Similar Description - LM3678

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3678 TI1-LM3678_14 Datasheet
1Mb / 18P
[Old version datasheet]   High-Performance Miniature 1.5-A Step-Down DC-DC Converter for Handheld Applications
logo
National Semiconductor ...
LM3678 NSC-LM3678 Datasheet
1Mb / 14P
   High-Performance, Miniature 1.5A Step-Down DC-DC Converter for Handheld Applications
logo
Allegro MicroSystems
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI1-LM3691_15 Datasheet
2Mb / 29P
[Old version datasheet]   High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com