Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD06N60C3 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SPD06N60C3
Description  Ultra low gate charge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD06N60C3 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SPD06N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPD06N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPD06N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPD06N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPD06N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPD06N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPD06N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPD06N60C3 Datasheet HTML 10Page - Infineon Technologies AG SPD06N60C3 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
+/
0
BHE0*J+2*H0
JUf( ,(*& ,*+.'*/'+0
@
EScW`W]\ <W`a]_f
C2
EScW`W]\2 *(),%(9%04$ ESc& *&1
IaUeY_db KUeYbY_^
KUeYbY_^
>QcU
LdRZUScb %]QZ_a SXQ^WUb bY^SU \Qbc aUeYbY_^&
.*,
.,-0),1)-2
KU\UQbU _V VY^Q\ eUabY_^
DbPZW`VSR Pf
=\TW\S]\ GSQV\]Z]UWS` 4;
0)/*. Ag\QVS\$ ;S_[O\f
i *(14 =\TW\S]\ GSQV\]Z]UWS` 4;
4ZZ EWUVa` ES`S_cSR&
@SUOZ 7W`QZOW[S_
LXU Y^V_b]QdY_^ WYfU^ Y^ dXYc T_Se]U^d cXQ\\ Y^ ^_ UfU^d RU bUWQbTUT Qc Q WeQbQ^dUU _V S_^TYdY_^c _b SXQbQSdUbYcdYSc( OYdX
bUc`USd d_ Q^i UhQ]`\Uc _b XY^dc WYfU^ XUbUY^& Q^i di`YSQ\ fQ\eUc cdQdUT XUbUY^ Q^T)_b Q^i Y^V_b]QdY_^ bUWQbTY^W dXU Q``\YSQdY_^
_V dXU TUfYSU& B^VY^U_^ LUSX^_\_WYUc XUbURi TYcS\QY]c Q^i Q^T Q\\ gQbbQ^dYUc Q^T \YQRY\YdYUc _V Q^i [Y^T& Y^S\eTY^W gYdX_ed
\Y]YdQdY_^& gQbbQ^dYUc _V ^_^'Y^VbY^WU]U^d _V Y^dU\\USdeQ\ `b_`Ubdi bYWXdc _V Q^i dXYbT `Qbdi(
=\T]_[OaW]\
?_b VebdXUb Y^V_b]QdY_^ _^ dUSX^_\_Wi& TU\YfUbi dUb]c Q^T S_^TYdY_^c Q^T `bYSUc `\UQcU S_^dQSd i_eb ^UQbUcd B^VY^U_^
LUSX^_\_WYUc GVVYSU #ddd&W\TW\S]\&Q][$(
JO_\W\U`
=eU d_ dUSX^YSQ\ bUaeYbU]U^dc& S_]`_^U^dc ]Qi S_^dQY^ TQ^WUb_ec ceRcdQ^SUc( ?_b Y^V_b]QdY_^ _^ dXU di`Uc Y^ aeUcdY_^&
`\UQcU S_^dQSd dXU ^UQbUcd B^VY^U_^ LUSX^_\_WYUc GVVYSU(
LXU B^VY^U_^ LUSX^_\_WYUc S_]`_^U^d TUcSbYRUT Y^ dXYc =QdQ KXUUd ]Qi RU ecUT Y^ \YVU'ce``_bd TUfYSUc _b cicdU]c Q^T)_b
Qed_]_dYfU& QfYQdY_^ Q^T QUb_c`QSU Q``\YSQdY_^c _b cicdU]c _^\i gYdX dXU Uh`bUcc gbYddU^ Q``b_fQ\ _V B^VY^U_^ LUSX^_\_WYUc& YV Q
VQY\ebU _V ceSX S_]`_^U^dc SQ^ bUQc_^QR\i RU Uh`USdUT d_ SQecU dXU VQY\ebU _V dXQd \YVU'ce``_bd& Qed_]_dYfU& QfYQdY_^ Q^T
QUb_c`QSU TUfYSU _b cicdU] _b d_ QVVUSd dXU cQVUdi _b UVVUSdYfU^Ucc _V dXQd TUfYSU _b cicdU]( EYVU ce``_bd TUfYSUc _b cicdU]c QbU
Y^dU^TUT d_ RU Y]`\Q^dUT Y^ dXU Xe]Q^ R_Ti _b d_ ce``_bd Q^T)_b ]QY^dQY^ Q^T cecdQY^ Q^T)_b `b_dUSd Xe]Q^ \YVU( BV dXUi VQY\& Yd Yc
bUQc_^QR\U d_ Qcce]U dXQd dXU XUQ\dX _V dXU ecUb _b _dXUb `Ubc_^c ]Qi RU U^TQ^WUbUT(
2.6
2014-09-04
MSL3 changed to MSL1
SPD03N60C3, SPU03N60C3
Rev. 2.6
Page 14
2014-09-04
fff
SPD03N60C3: MSL3 changed to MSL1
dsfdfd
SPD06N60C3
2.1
SPD06N60C3:
Page 11
Rev. 2.1


Similar Part No. - SPD06N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3 Datasheet
411Kb / 11P
   CoolMOS Power Transistor
Rev. 1.4 2005-10-05
SPD06N60C3 INFINEON-SPD06N60C3 Datasheet
642Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.5 2008-04-11
logo
Inchange Semiconductor ...
SPD06N60C3 ISC-SPD06N60C3 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_08 Datasheet
642Kb / 11P
   CoolMOSTM Power Transistor
Rev. 1.5 2008-04-11
More results

Similar Description - SPD06N60C3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
   Ultra-low gate charge
November 2015 Rev 2
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
   Ultra-low gate charge
November 2016 Rev 1
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
   Ultra-low gate charge
January 2017 Rev 4
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
   Ultra-low gate charge
October 2016 Rev 1
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
   Ultra-low gate charge
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
   Ultra low gate charge
September 2016 Rev 4
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
   Ultra low gate charge
November 2013 Rev 1
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
   Ultra low gate charge
July 2014 Rev 2
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
   Ultra low gate charge
October 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com