Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA21321 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TDA21321
Description  Desktop and Server Vcore and non-Vcore buck-converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21321 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TDA21321 Datasheet HTML 2Page - Infineon Technologies AG TDA21321 Datasheet HTML 3Page - Infineon Technologies AG TDA21321 Datasheet HTML 4Page - Infineon Technologies AG TDA21321 Datasheet HTML 5Page - Infineon Technologies AG TDA21321 Datasheet HTML 6Page - Infineon Technologies AG TDA21321 Datasheet HTML 7Page - Infineon Technologies AG TDA21321 Datasheet HTML 8Page - Infineon Technologies AG TDA21321 Datasheet HTML 9Page - Infineon Technologies AG TDA21321 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TDA21321
Description
Data Sheet
6
Revision 2.4, 2015-07-16
Table 3
Power Supply
Pin No.
Name
Pin Type
Function
13
– 15, 20,
23-28 (pads)
VIN
POWER
Input voltage
Converter input voltage (connected to drain of the high-side MOSFET and
driver)
21
VDRV
POWER
MOSFET gate drive supply voltage
High and low-side gate drive
22
VCIN
POWER
Driver logic supply voltage
bias voltage for the internal logic
Table 4
Ground Pins
Pin No.
Name
Pin Type
Function
1
CGND
GND
Control signal ground
Should be connected to local PGND externally, preferably by vias to GND
plane
16
– 19,
29-32 (pads)
PGND
GND
Power ground
All these pins must be connected to the power GND plane through multiple
low inductance vias.
Table 5
Not Connected
Pin No.
Name
Pin Type
Function
6, 10, 11, 12 NC
No internal connection
Leave pin floating, tie to VIN or GND.


Similar Part No. - TDA21321

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21320 INFINEON-TDA21320 Datasheet
1Mb / 36P
   Desktop and Server Vcore and non-Vcore buck-converter
More results

Similar Description - TDA21321

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21320 INFINEON-TDA21320 Datasheet
1Mb / 36P
   Desktop and Server Vcore and non-Vcore buck-converter
PX3519 INFINEON-PX3519_15 Datasheet
1Mb / 21P
   Desktop and Server VR12.X Vcore and non-Vcore buck-converters
Revision 2.3, 2015-10-21
PX3519 INFINEON-PX3519 Datasheet
1Mb / 21P
   Desktop and Server VR12.X Vcore and non-Vcore buck-converters
Revision 2.2, 2014-09-19
TDA21310 INFINEON-TDA21310 Datasheet
699Kb / 23P
   Desktop and Server buck-converter
Revision 2.1, 2013-09-05
TDA21242 INFINEON-TDA21242 Datasheet
1Mb / 23P
   Desktop and Server VR buck-converter
2.1 2017-03-07
logo
Semtech Corporation
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
logo
Texas Instruments
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
logo
Infineon Technologies A...
BSC026N08NS5 INFINEON-BSC026N08NS5 Datasheet
1Mb / 12P
   Optimized for Synchronous Rectification in server and desktop
Rev.2.1,2015-08-31
logo
Texas Instruments
TPS51513 TI-TPS51513 Datasheet
1Mb / 37P
[Old version datasheet]   SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com