Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110EE Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE8110EE
Description  Overvoltage, Overtemperature, ESD -Protection
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110EE Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE8110EE_13 Datasheet HTML 7Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 8Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 9Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 10Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 11Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 12Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 13Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 14Page - Infineon Technologies AG TLE8110EE_13 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
TLE 8110 EE
Smart Multichannel Switch
General Product Characteristics
Data Sheet
11
Rev. 1.4, 2013-07-02
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings1)
T
j = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Supply Voltages
4.1.1
Digital Supply voltage
V
CC
-0.3
5.5
V
permanent
4.1.2
Digital Supply voltage
V
CC
-0.3
6.2
V
t < 10s
4.1.3
Analogue Supply voltage
V
DD
-0.3
5.5
V
permanent
4.1.4
Analogue Supply voltage
V
DD
-0.3
6.2
V
t < 10s
Power Stages
4.1.5
Load Current (CH 1 to 10 )
IDn
-IDSD(low)
A–
4.1.6
Reverse Current Output (CH 1-10)
IDn
-IDSD(low)
-A
4.1.7
Total Ground Current
IGND
-20
20
A
4.1.8
Continuous Drain Source Voltage
(Channel 1 to 10)
V
DSn
-0.3
45
V
4.1.9
maximum Voltage for short circuit
protection on Output
V
DSn
-
24
V
one event on one
single channel.
Clamping Energy - Single Pulse2)3)
4.1.10
Single Clamping Energy
Channel Group 1-4
EAS
-29
mJ
ID = 2.6A
1 single pulse
4.1.11
Single Clamping Energy
Channel Group 5-6
EAS
-31
mJ
ID = 3.7A
1 single pulse
4.1.12
Single Clamping Energy
Channel Group 7-10
EAS
-11
mJ
ID = 1.7A
1 single pulse
Logic Pins (SPI, INn, EN, RST)
4.1.13
Input Voltage at all Logic Pin
V
x
-0.3
5.5
V
permanent
4.1.14
Input Voltage at all Logic Pin
V
x
-0.3
6.2
V
t < 10s
4.1.15
Input Voltage at Pin 27, 28 (IN9, 10, )
V
x
-0.3
45
V
permanent
Temperatures
4.1.16
Junction Temperature
T
j
-40
150
°C–
4.1.17
Junction Temperature
T
j
-40
175
°C
max. 100hrs
cumulative
4.1.18
Storage Temperature
T
stg
-55
150
°C–
ESD Robustness
4.1.19
Electro Static Discharge Voltage
“Human Body Model - HBM”
V
ESD
-4
4
kV
All Pins
HBM4)
1.5KOhm, 100pF


Similar Part No. - TLE8110EE_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
More results

Similar Description - TLE8110EE_13

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4636-1 LINER-LTM4636-1 Datasheet
2Mb / 38P
   40A 關Module Regulator with Overvoltage/ Overtemperature Protection
logo
Tyco Electronics
PESD0603-140 MACOM-PESD0603-140_07 Datasheet
163Kb / 7P
   ESD Protector Overvoltage Protection Device
PESD1206Q-140 MACOM-PESD1206Q-140 Datasheet
176Kb / 6P
   ESD Protector Overvoltage Protection Device
SESD0201C-006-058 MACOM-SESD0201C-006-058 Datasheet
230Kb / 5P
   ESD Protector Overvoltage Protection Device
SESD0402S-005-054 MACOM-SESD0402S-005-054 Datasheet
215Kb / 5P
   ESD Protector Overvoltage Protection Device
PESD0402-060 MACOM-PESD0402-060 Datasheet
164Kb / 8P
   ESD Protector Overvoltage Protection Device
SESD0201C-120-058 MACOM-SESD0201C-120-058 Datasheet
206Kb / 4P
   ESD Protector Overvoltage Protection Device
logo
Maxim Integrated Produc...
MAX4987AE MAXIM-MAX4987AE Datasheet
195Kb / 10P
   Overvoltage-Protection Controller with USB ESD Protection
Rev 0; 11/07
logo
Littelfuse
MHP-TAM15-9-77 LITTELFUSE-MHP-TAM15-9-77 Datasheet
558Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-72 LITTELFUSE-MHP-TAM15-9-72 Datasheet
560Kb / 2P
   Overtemperature Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com