Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE5TR1000 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE5TR1000
Description  3.5mm Female General Purpose Calibration Kit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5TR1000 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE5TR1000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5TR1000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5TR1000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5TR1000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE5TR1000 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
© 2014 Pasternack Enterprises All Rights Reserved
PE5TR1000 REV 1.0
3.5mm Female General Purpose Calibration Kit Component
Load Operating From DC to 26.5 GHz
PE5TR1000
CAD Drawing


Similar Part No. - PE5TR1000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5TR1001 PASTERNACK-PE5TR1001 Datasheet
492Kb / 5P
   3.5mm Male General Purpose Calibration Kit
PE5TR1002 PASTERNACK-PE5TR1002 Datasheet
478Kb / 5P
   3.5mm Female General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
PE5TR1003 PASTERNACK-PE5TR1003 Datasheet
512Kb / 5P
   3.5mm Male General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
PE5TR1004 PASTERNACK-PE5TR1004 Datasheet
508Kb / 5P
   75 Ohm F Female General Purpose Calibration Kit Component Load Operating From DC to 3 GHz
PE5TR1004 PASTERNACK-PE5TR1004 Datasheet
1Mb / 30P
   TECHNICAL DATA SHEET
More results

Similar Description - PE5TR1000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5SC3003 PASTERNACK-PE5SC3003 Datasheet
580Kb / 6P
   3.5mm Female General Purpose Calibration Kit
PE5TR1001 PASTERNACK-PE5TR1001 Datasheet
492Kb / 5P
   3.5mm Male General Purpose Calibration Kit
PE5SC3001 PASTERNACK-PE5SC3001 Datasheet
579Kb / 6P
   3.5mm General Purpose Calibration Kit Component
PE5SC3002 PASTERNACK-PE5SC3002 Datasheet
583Kb / 6P
   3.5mm General Purpose Calibration Kit Component
PE5TR1002 PASTERNACK-PE5TR1002 Datasheet
478Kb / 5P
   3.5mm Female General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
PE5SC1002 PASTERNACK-PE5SC1002 Datasheet
419Kb / 4P
   3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC2000 PASTERNACK-PE5SC2000 Datasheet
417Kb / 4P
   3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC1000 PASTERNACK-PE5SC1000 Datasheet
418Kb / 4P
   3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 26.5 GHz
PE5SC2002 PASTERNACK-PE5SC2002 Datasheet
418Kb / 4P
   3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5500-KIT PASTERNACK-PE5500-KIT Datasheet
88Kb / 1P
   3.5mm, 26.5 GHz VNA Calibration Kit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com