Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263-3QX Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE9263-3QX
Description  Dedicated Data Sheets are available for the different product variants
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263-3QX Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE9263-3QX Datasheet HTML 2Page - Infineon Technologies AG TLE9263-3QX Datasheet HTML 3Page - Infineon Technologies AG TLE9263-3QX Datasheet HTML 4Page - Infineon Technologies AG TLE9263-3QX Datasheet HTML 5Page - Infineon Technologies AG TLE9263-3QX Datasheet HTML 6Page - Infineon Technologies AG TLE9263-3QX Datasheet HTML 7Page - Infineon Technologies AG TLE9263-3QX Datasheet HTML 8Page - Infineon Technologies AG TLE9263-3QX Datasheet HTML 9Page - Infineon Technologies AG TLE9263-3QX Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 198 page
background image
PG-VQFN-48-31
Type
Package
Marking
TLE9263-3QX
PG-VQFN-48-31
TLE9263-3QX
Data Sheet
6
Rev. 1.1, 2014-09-26
Mid-Range System Basis Chip Family
TLE9263-3QX
1Overview
Scalable System Basis Chip Family
Product family with various products for complete scalable application
coverage.
Dedicated Data Sheets are available for the different product variants
Complete compatibility (hardware and software) across the family
TLE9263 with 2 LIN transceivers, 3 voltage regulators
TLE9262 with 1 LIN transceiver, 3 voltage regulators
TLE9261 without LIN transceivers, 3 voltage regulators
TLE9260 without LIN transceivers, 2 voltage regulators
Product variants for 5V (TLE926xQX) and 3.3V (TLE926xQXV33) output voltage for main voltage regulator
CAN Partial Networking variants for 5V (TLE926x-3QX) and 3.3V (TLE926x-3QXV33) output voltage
Device Description
The TLE9263-3QX is a monolithic integrated circuit in an exposed pad VQFN-48 (7mm x 7mm) power package
with Lead Tip Inspection (LTI) feature to support Automatic Optical Inspection (AOI).
The device is designed for various CAN-LIN automotive applications as main supply for the microcontroller and
as interface for a LIN and CAN bus network including the CAN Partial Networking feature.
To support these applications, the System Basis Chip (SBC) provides the main functions, such as a 5V low-
dropout voltage regulator (LDO) for e.g. a microcontroller supply, another 5V low-dropout voltage regulator with
off-board protection for e.g. sensor supply, a HS-CAN transceiver supporting CAN FD and CAN Partial Networking
(incl. FD tolerant mode) and LIN transceiver for data transmission, high-side switches with embedded protective
functions and a 16-bit Serial Peripheral Interface (SPI) to control and monitor the device. Also implemented are a
configurable timeout / window watchdog circuit with a reset feature, three Fail Outputs and an under voltage reset
feature.
The device offers low-power modes in order to minimize current consumption on applications that are connected
permanently to the battery. A wake-up from the low-power mode is possible via a message on the buses, via the
bi-level sensitive monitoring/wake-up inputs as well as via cyclic wake.
The device is designed to withstand the severe conditions of automotive applications.


Similar Part No. - TLE9263-3QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9263-3QXV33 INFINEON-TLE9263-3QXV33 Datasheet
7Mb / 199P
   Very low quiescent current consumption in Stop- and Sleep Mode
More results

Similar Description - TLE9263-3QX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9262QX INFINEON-TLE9262QX Datasheet
6Mb / 163P
   Dedicated Data Sheets are available for the different product variants
TLE9263QXV33 INFINEON-TLE9263QXV33 Datasheet
6Mb / 165P
   Dedicated Data Sheets are available for the different product variants
TLE9260QX INFINEON-TLE9260QX Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
TLE9263QX INFINEON-TLE9263QX Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9261-3QX INFINEON-TLE9261-3QX Datasheet
7Mb / 186P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QXV33 INFINEON-TLE9262-3QXV33 Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9261QX INFINEON-TLE9261QX Datasheet
6Mb / 153P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QX INFINEON-TLE9262-3QX Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9262QXV33 INFINEON-TLE9262QXV33 Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9260-3QX INFINEON-TLE9260-3QX Datasheet
6Mb / 175P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com