Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22674 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM22674
Description  LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22674 Datasheet(HTML) 2 Page - Texas Instruments

  LM22674_15 Datasheet HTML 1Page - Texas Instruments LM22674_15 Datasheet HTML 2Page - Texas Instruments LM22674_15 Datasheet HTML 3Page - Texas Instruments LM22674_15 Datasheet HTML 4Page - Texas Instruments LM22674_15 Datasheet HTML 5Page - Texas Instruments LM22674_15 Datasheet HTML 6Page - Texas Instruments LM22674_15 Datasheet HTML 7Page - Texas Instruments LM22674_15 Datasheet HTML 8Page - Texas Instruments LM22674_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM22674, LM22674-Q1
SNVS590M – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................... 8
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 11
2
Applications ........................................................... 1
8
Applications and Implementation ...................... 13
3
Description ............................................................. 1
8.1
Application Information............................................ 13
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 14
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 17
6
Specifications......................................................... 4
10
Layout................................................................... 17
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 17
6.2
Handling Ratings: LM22674...................................... 4
10.2
Layout Example .................................................... 18
6.3
Handling Ratings: LM22674-Q1................................ 4
10.3
Thermal Considerations ........................................ 18
6.4
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 20
6.5
Thermal Information .................................................. 4
11.1
Documentation Support ........................................ 20
6.6
Electrical Characteristics........................................... 5
11.2
Trademarks ........................................................... 20
6.7
Typical Characteristics .............................................. 6
11.3
Electrostatic Discharge Caution ............................ 20
7
Detailed Description .............................................. 8
11.4
Glossary ................................................................ 20
7.1
Overview ................................................................... 8
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 8
Information ........................................................... 20
4 Revision History
Changes from Revision L (April 2013) to Revision M
Page
Added Pin Configuration and Functions section, Handling Rating table, Thermal Information table, Feature
Description section, Device Functional Modes, Application and Implementation section, Power Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ..................................................................................................................... 1
Deleted Inverting Regulator Application .............................................................................................................................. 13
2
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM22674 LM22674-Q1


Similar Part No. - LM22674_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22674MR-5.0 NSC-LM22674MR-5.0 Datasheet
564Kb / 14P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22674MR-5.0/NOPB TI-LM22674MR-5.0/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22674MR-ADJ NSC-LM22674MR-ADJ Datasheet
564Kb / 14P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22674MR-ADJ/NOPB TI-LM22674MR-ADJ/NOPB Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22674MRE-5.0 NSC-LM22674MRE-5.0 Datasheet
564Kb / 14P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
More results

Similar Description - LM22674_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22671Q NSC-LM22671Q Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22671 NSC-LM22671 Datasheet
426Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com