Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22677 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM22677
Description  LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22677 Datasheet(HTML) 3 Page - Texas Instruments

  LM22677 Datasheet HTML 1Page - Texas Instruments LM22677 Datasheet HTML 2Page - Texas Instruments LM22677 Datasheet HTML 3Page - Texas Instruments LM22677 Datasheet HTML 4Page - Texas Instruments LM22677 Datasheet HTML 5Page - Texas Instruments LM22677 Datasheet HTML 6Page - Texas Instruments LM22677 Datasheet HTML 7Page - Texas Instruments LM22677 Datasheet HTML 8Page - Texas Instruments LM22677 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Exposed Pad
Connect to GND
5 RT/SYNC
6 FB
3 BOOT
1 SW
2 VIN
4 GND
7 EN
LM22677, LM22677-Q1
www.ti.com
SNVS582O – SEPTEMBER 2008 – REVISED AUGUST 2015
5 Pin Configuration and Functions
NDR Package
7-Pin TO-263
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
APPLICATION INFORMATION
NAME
NO.
SW
1
O
Switch output
Switching output of regulator
VIN
2
I
Input voltage
Supply input to the regulator
BOOT
3
I
Bootstrap input
Provides the gate voltage for the high side N-FET
Ground input to
GND
4
regulator; system
System ground pin
common
Oscillator mode control
Used to control oscillator mode of regulator. See Switching Frequency
RT/SYNC
5
I
input
Adjustment and Synchronization section of data sheet.
FB
6
I
Feedback input
Feedback input to regulator
Used to control regulator start-up and shutdown. See Precision Enable
EN
7
I
Enable input
and UVLO section of data sheet.
Connect to ground. Provides thermal connection to PCB. See
EP
EP
Exposed Pad
Applications and Implementation.
(1)
O = Output, I = Input, G = Ground, P = Power
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM22677 LM22677-Q1


Similar Part No. - LM22677

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22677 NSC-LM22677 Datasheet
404Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677 NSC-LM22677 Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677Q NSC-LM22677Q Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677QTJ-5.0 NSC-LM22677QTJ-5.0 Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677QTJ-ADJ NSC-LM22677QTJ-ADJ Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
More results

Similar Description - LM22677

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com