Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22678-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM22678-Q1
Description  SIMPLE SWITCHER Step-Down Voltage Regulator With Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22678-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM22678-Q1 Datasheet HTML 1Page - Texas Instruments LM22678-Q1 Datasheet HTML 2Page - Texas Instruments LM22678-Q1 Datasheet HTML 3Page - Texas Instruments LM22678-Q1 Datasheet HTML 4Page - Texas Instruments LM22678-Q1 Datasheet HTML 5Page - Texas Instruments LM22678-Q1 Datasheet HTML 6Page - Texas Instruments LM22678-Q1 Datasheet HTML 7Page - Texas Instruments LM22678-Q1 Datasheet HTML 8Page - Texas Instruments LM22678-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM22678-ADJ
VIN
EN
SW
BOOT
FB
GND
VIN
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM22678, LM22678-Q1
SNVS585L – SEPTEMBER 2008 – REVISED NOVEMBER 2014
LM22678/-Q1 42-V, 5-A SIMPLE SWITCHER® Step-Down Voltage Regulator
With Features
1 Features
3 Description
The LM22678 switching regulator provides all of the
1
Wide Input Voltage Range: 4.5 V to 42 V
functions necessary to implement an efficient high-
Internally Compensated Voltage Mode Control
voltage step-down (buck) regulator using a minimum
Stable With Low ESR Ceramic Capacitors
of external components. This easy-to-use regulator
incorporates a 42-V N-channel MOSFET switch that
100-m
Ω N-Channel MOSFET
can provide up to 5 A of load current. Excellent line
Output Voltage Options:
and load regulation along with high efficiency (> 90%)
-ADJ (Outputs as Low as 1.285 V)
are featured. Voltage mode control offers short
-5.0 (Output Fixed to 5 V)
minimum on-time, allowing the widest ratio between
±1.5% Feedback Reference Accuracy
input and output voltages. Internal loop compensation
means that the user is free from the tedious task of
Switching Frequency of 500 kHz
calculating the loop compensation components. Fixed
–40°C to 125°C Operating Junction Temperature
5-V output and adjustable output voltage options are
Range
available. A switching frequency of 500 kHz allows for
Precision Enable Pin
small
external
components
and
good
transient
response.
A
precision
enable
input
allows
Integrated Boot-Strap Diode
simplification of regulator control and system power
Integrated Soft-Start
sequencing. In shutdown mode the regulator draws
Fully WEBENCH® Enabled
only 25 µA (typical). Built-in soft-start (500 µs, typical)
saves external components. The LM22678 device
LM22678-Q1 is an Automotive-Grade Product
also has built-in thermal shutdown, and current
that is AEC-Q100 Grade 1 Qualified (–40°C to
limiting to protect against accidental overloads.
+125°C Operating Junction Temperature)
PFM (Exposed Pad) Package
The
LM22678
device
is
a
member
of
Texas
Instruments'
SIMPLE
SWITCHER®
family.
The
SIMPLE SWITCHER concept provides for an easy-to-
2 Applications
use complete design using a minimum number of
Industrial Control
external components and the TI WEBENCH design
Telecom and Datacom Systems
tool. TI's WEBENCH tool includes features such as
external component calculation, electrical simulation,
Embedded Systems
thermal simulation, and Build-It boards for easy
Conversions from Standard 24-V, 12-V and 5-V
design-in.
Input Rails
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM22678
TO-263 (7)
10.16 mm x 9.85 mm
LM22678-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM22678-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22678 NSC-LM22678 Datasheet
540Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22678 TI1-LM22678 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22678 TI1-LM22678 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
LM22678QTJ-5.0 TI1-LM22678QTJ-5.0 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22678QTJ-5.0 TI1-LM22678QTJ-5.0 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
More results

Similar Description - LM22678-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22678TJE-ADJ TI1-LM22678TJE-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com