Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25011A-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM25011A-Q1
Description  LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25011A-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM25011A-Q1 Datasheet HTML 1Page - Texas Instruments LM25011A-Q1 Datasheet HTML 2Page - Texas Instruments LM25011A-Q1 Datasheet HTML 3Page - Texas Instruments LM25011A-Q1 Datasheet HTML 4Page - Texas Instruments LM25011A-Q1 Datasheet HTML 5Page - Texas Instruments LM25011A-Q1 Datasheet HTML 6Page - Texas Instruments LM25011A-Q1 Datasheet HTML 7Page - Texas Instruments LM25011A-Q1 Datasheet HTML 8Page - Texas Instruments LM25011A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FB
SW
L1
RFB2
LM25011
BST
CBST
D1
CS
RT
VIN
6V to 42V
Input
CIN
SS
CSS
RT
SGND
PGD
CSG
RS
RPGD
VPGD
COUT
RFB1
VOUT
Power
Good
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1
SNVS617H – APRIL 2009 – REVISED NOVEMBER 2014
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching
Regulator With Adjustable Current Limit
1 Features
3 Description
The LM25011 constant on-time step-down switching
1
LM25011-Q1 is an Automotive Grade Product that
regulator
features
all
the
functions
needed
to
is AEC-Q100 Grade 1 Qualified (–40°C to +125°C
implement a low-cost, efficient, buck bias regulator
Operating Junction Temperature)
capable of supplying up to 2 A of load current. This
LM25011A Allows Low-Dropout Operation at High
high-voltage regulator contains an N-Channel Buck
Switching Frequency
switch, a startup regulator, current limit detection, and
internal
ripple
control.
The
constant
on-time
Input Operating Voltage Range: 6 V to 42 V
regulation principle requires no loop compensation,
Absolute Maximum Input Rating: 45 V
results in fast load transient response, and simplifies
Integrated 2-A N-Channel Buck Switch
circuit
implementation.
The
operating
frequency
Adjustable Current Limit Allows for Smaller
remains constant with line and load. The adjustable
valley current limit detection results in a smooth
Inductor
transition from constant voltage to constant current
Adjustable Output Voltage from 2.51 V
mode when current limit is reached, without the use
Minimum Ripple Voltage at VOUT
of current limit foldback. The PGD output indicates
Power Good Output
the output voltage has increased to within 5% of the
expected
regulation
value.
Additional
features
Switching Frequency Adjustable to 2 MHz
include: Low output ripple, VIN under-voltage lock-
COT Topology Features:
out, adjustable soft-start timing, thermal shutdown,
Switching Frequency Remains Nearly
gate drive pre-charge, gate drive under-voltage lock-
Constant with Load Current and Input Voltage
out, and maximum duty cycle limit.
Variations
The LM25011A has a shorter minimum off-time than
Ultra-Fast Transient Response
the LM25011, which allows for higher frequency
operation at low input voltages.
No Loop Compensation Required
Stable Operation with Ceramic Output
Device Information(1)
Capacitors
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Allows for Smaller Output Capacitor and
LM25011 / -Q1
Current Sense Resistor
HVSSOP (10)
3.00 mm × 3.00 mm
LM25011A / -Q1
Adjustable Soft-Start Timing
(1) For all available packages, see the orderable addendum at
Thermal Shutdown
the end of the data sheet.
Precision 2% Feedback Reference
Typical Application
Package: 10-Pin, HVSSOP
2 Applications
Automotive Safety
Infotainment
Telecommunication
Front Camera
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM25011A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25011A TI-LM25011A Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011A TI-LM25011A Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011A TI1-LM25011A Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMY TI-LM25011AMY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMY TI-LM25011AMY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

Similar Description - LM25011A-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com