Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25011A Datasheet(PDF) 2 Page - Texas Instruments

Part # LM25011A
Description  LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25011A Datasheet(HTML) 2 Page - Texas Instruments

  LM25011A Datasheet HTML 1Page - Texas Instruments LM25011A Datasheet HTML 2Page - Texas Instruments LM25011A Datasheet HTML 3Page - Texas Instruments LM25011A Datasheet HTML 4Page - Texas Instruments LM25011A Datasheet HTML 5Page - Texas Instruments LM25011A Datasheet HTML 6Page - Texas Instruments LM25011A Datasheet HTML 7Page - Texas Instruments LM25011A Datasheet HTML 8Page - Texas Instruments LM25011A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1
SNVS617H – APRIL 2009 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................. 10
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 15
2
Applications ........................................................... 1
8
Application and Implementation ........................ 16
3
Description ............................................................. 1
8.1
Application Information............................................ 16
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 16
5
Pin Configurations and Functions ....................... 3
9
Power Supply Recommendations ...................... 22
6
Specifications......................................................... 4
10
Layout................................................................... 22
6.1
Absolute Maximum Ratings ..................................... 4
10.1
Layout Guidelines ................................................. 22
6.2
Handling Ratings: LM25011...................................... 4
10.2
Layout Example .................................................... 22
6.3
Handling Ratings: LM25011-Q1................................ 4
10.3
Power Dissipation ................................................. 22
6.4
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 23
6.5
Thermal Information .................................................. 5
11.1
Related Links ........................................................ 23
6.6
Electrical Characteristics........................................... 6
11.2
Trademarks ........................................................... 23
6.7
Typical Characteristics .............................................. 7
11.3
Electrostatic Discharge Caution ............................ 23
7
Detailed Description ............................................ 10
11.4
Glossary ................................................................ 23
7.1
Overview ................................................................. 10
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 10
Information ........................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (February 2013) to Revision H
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
Changes from Revision F (February 2013) to Revision G
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 22
2
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM25011 LM25011-Q1 LM25011A LM25011A-Q1


Similar Part No. - LM25011A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25011A TI-LM25011A Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011A TI-LM25011A Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011A TI1-LM25011A Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMY TI-LM25011AMY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AMY TI-LM25011AMY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

Similar Description - LM25011A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com