Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25576-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM25576-Q1
Description  LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25576-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM25576-Q1 Datasheet HTML 1Page - Texas Instruments LM25576-Q1 Datasheet HTML 2Page - Texas Instruments LM25576-Q1 Datasheet HTML 3Page - Texas Instruments LM25576-Q1 Datasheet HTML 4Page - Texas Instruments LM25576-Q1 Datasheet HTML 5Page - Texas Instruments LM25576-Q1 Datasheet HTML 6Page - Texas Instruments LM25576-Q1 Datasheet HTML 7Page - Texas Instruments LM25576-Q1 Datasheet HTML 8Page - Texas Instruments LM25576-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LM25576, LM25576-Q1
www.ti.com
SNVS470G – JANUARY 2007 – REVISED APRIL 2013
Pin Descriptions (continued)
Pin(s)
Name
Description
Application Information
17, 18
SW
Switching node
The source terminal of the internal buck switch. The SW pin
should be connected to the external Schottky diode and to the
buck inductor.
19
PRE
Pre-charge assist for the bootstrap
This open drain output can be connected to SW pin to aid
capacitor
charging the bootstrap capacitor during very light load conditions
or in applications where the output may be pre-charged before
the LM25576 is enabled. An internal pre-charge MOSFET is
turned on for 265ns each cycle just prior to the on-time interval
of the buck switch.
20
BST
Boost input for bootstrap capacitor
An external capacitor is required between the BST and the SW
pins. A 0.022µF ceramic capacitor is recommended. The
capacitor is charged from Vcc via an internal diode during the
off-time of the buck switch.
NA
EP
Exposed Pad
Exposed metal pad on the underside of the device. It is
recommended to connect this pad to the PWB ground plane, in
order to aid in heat dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN to GND
45V
BST to GND
60V
PRE to GND
45V
SW to GND (Steady State)
-1.5V
BST to VCC
45V
SD, VCC to GND
14V
BST to SW
14V
OUT to GND
Limited to Vin
SYNC, SS, FB, RAMP to GND
7V
ESD Rating(3)
Human Body Model
2kV
Storage Temperature Range
-65°C to +150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Ratings
(1)
VIN
6V to 42V
Operation Junction Temperature
−40°C to + 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25576 LM25576-Q1


Similar Part No. - LM25576-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25576-Q1 TI1-LM25576-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
More results

Similar Description - LM25576-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25576MHX TI1-LM25576MHX Datasheet
1Mb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com