Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26480 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM26480
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26480 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM26480_15 Datasheet HTML 3Page - Texas Instruments LM26480_15 Datasheet HTML 4Page - Texas Instruments LM26480_15 Datasheet HTML 5Page - Texas Instruments LM26480_15 Datasheet HTML 6Page - Texas Instruments LM26480_15 Datasheet HTML 7Page - Texas Instruments LM26480_15 Datasheet HTML 8Page - Texas Instruments LM26480_15 Datasheet HTML 9Page - Texas Instruments LM26480_15 Datasheet HTML 10Page - Texas Instruments LM26480_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LM26480
www.ti.com
SNVS543K – JANUARY 2008 – REVISED JANUARY 2015
7.5 General Electrical Characteristics
Unless otherwise noted, VIN = 3.6 V. Values and limits apply for TJ = 25°C.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
VINLDO12 shutdown current
VIN = 3.6 V
0.5
µA
VPOR
Power-on reset threshold
VDD falling edge
(4)
1.9
V
TSD
Thermal shutdown threshold
See(5)
160
°C
TSDH
Thermal shutdown hysteresis
See(5)
20
Rising
2.9
UVLO
Undervoltage lockout
V
Failing
2.7
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Minimum (MIN) and maximum (MAX) limits are specified by design, test, or statistical analysis. Typical numbers represent the most
likely norm.
(4)
VPOR is voltage at which the EPROM resets. This is different from the UVLO on VINLDO12, which is the voltage at which the
regulators shut off; and is also different from the nPOR function, which signals if the regulators are in a specified range.
(5)
Specified by design. Not production tested.
7.6 Low Dropout Regulators, LDO1 and LDO2
Unless otherwise noted, VIN = 3.6 V, CIN = 1 µF, COUT = 0.47 µF, and values and limits apply for TJ = 25°C, unless otherwise
specified.
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Operational voltage range
VINLDO1 and VINLDO2 PMOS pins(5)
1.74
5.5
V
TJ = −40°C to 125°C
VFB
FB voltage accuracy
TJ = −40°C to 125°C
–3%
3%
Line regulation
VIN = (VOUT + 0.3 V) to 5 V
(6)
Load current = 1 mA
0.15
%/V
TJ = −40°C to 125°C
ΔVOUT
Load regulation
VIN = 3.6 V, TJ = −40°C to 125°C
0.011
%/mA
Load current = 1 mA to IMAX
ISC
Short circuit current limit
LDO1-2, VOUT = 0 V
500
mA
VIN – VOUT
Dropout voltage
Load current = 50 mA(7)
25
mV
Load current = 50 mA(7)
200
TJ = −40°C to 125°C
PSRR
Power supply ripple rejection
F = 10 kHz, Load current = IMAX
45
dB
θn
Supply output noise
10 Hz < F < 100 kHz
150
µVrms
Quiescent current on
IOUT = 0 mA
40
IOUT = 0 mA, −40°C ≤ TJ ≤ 125°C
150
µA
IQ
Quiescent current on
IOUT = 300 mA
60
IOUT = 300 mA, −40°C ≤ TJ ≤ 125°C
200
Quiescent current off
EN is de-asserted
0.03
1
µA
TON
Turnon time
Start-up from shutdown
300
µsec
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum (MIN) and maximum (MAX) limits are specified by design, test, or statistical analysis. Typical (TYP) numbers represent the
most likely norm.
(3)
CIN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
The device maintains a stable, regulated output voltage without a load.
(5)
Pins 24, 19 can operate from VIN min of 1.74 V to a VIN max of 5.5 V. This rating is only for the series pass PMOS power FET. It allows
the system design to use a lower voltage rating if the input voltage comes from a buck output.
(6)
VIN minimum for line regulation values is 1.8 V.
(7)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM26480


Similar Part No. - LM26480_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Similar Description - LM26480_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26480SQ-AA_NOPB TI1-LM26480SQ-AA_NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com