Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26480 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM26480
Description  LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26480 Datasheet(HTML) 2 Page - Texas Instruments

  LM26480_15 Datasheet HTML 1Page - Texas Instruments LM26480_15 Datasheet HTML 2Page - Texas Instruments LM26480_15 Datasheet HTML 3Page - Texas Instruments LM26480_15 Datasheet HTML 4Page - Texas Instruments LM26480_15 Datasheet HTML 5Page - Texas Instruments LM26480_15 Datasheet HTML 6Page - Texas Instruments LM26480_15 Datasheet HTML 7Page - Texas Instruments LM26480_15 Datasheet HTML 8Page - Texas Instruments LM26480_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LM26480
SNVS543K – JANUARY 2008 – REVISED JANUARY 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description ............................................ 14
8.1
Overview ................................................................. 14
2
Applications ........................................................... 1
8.2
Functional Block Diagram ....................................... 14
3
Description ............................................................. 1
8.3
Feature Description................................................. 14
4
Revision History..................................................... 2
8.4
Device Functional Modes........................................ 22
5
Device Options....................................................... 3
9
Application and Implementation ........................ 23
6
Pin Configuration and Functions ......................... 4
9.1
Application Information............................................ 23
7
Specifications......................................................... 6
9.2
Typical Application ................................................. 25
7.1
Absolute Maximum Ratings ...................................... 6
10
Power Supply Recommendations ..................... 32
7.2
ESD Ratings.............................................................. 6
11
Layout................................................................... 33
7.3
Recommended Operating Conditions: Bucks ........... 6
11.1
Layout Guidelines ................................................. 33
7.4
Thermal Information .................................................. 6
11.2
Layout Example .................................................... 34
7.5
General Electrical Characteristics ............................. 7
12
Device and Documentation Support ................. 35
7.6
Low Dropout Regulators, LDO1 and LDO2 .............. 7
12.1
Device Support .................................................... 35
7.7
Buck Converters SW1, SW2..................................... 8
12.2
Documentation Support ....................................... 35
7.8
I/O Electrical Characteristics ..................................... 9
12.3
Trademarks ........................................................... 35
7.9
Power On Reset Threshold/Function (POR)............. 9
12.4
Electrostatic Discharge Caution ............................ 35
7.10
Typical Characteristics — LDO............................. 10
12.5
Glossary ................................................................ 35
7.11
Typical Characteristics — Buck 2.8 V to 5.5 V ..... 11
13
Mechanical, Packaging, and Orderable
7.12
Typical Characteristics — Bucks 1 and 2 ............. 12
Information ........................................................... 35
7.13
Typical Characteristics — Buck 3.6 V................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (October 2014) to Revision K
Page
Changed Handling Ratings table to ESD Ratings table ........................................................................................................ 6
Added full Thermal Information values. .................................................................................................................................. 6
Added additional paragraph to Functional Description subsection to describe enable signal. ............................................ 15
Changes from Revision I (May 2013) to Revision J
Page
Added Device Information and ESD Rating tables, Feature Description, Device Functional Modes, Application and
Implementation, Power Supply Recommendations, Layout, Device and Documentation Support, and Mechanical,
Packaging, and Orderable Information sections; moved some curves to Application Curves section. ................................ 1
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM26480


Similar Part No. - LM26480_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Similar Description - LM26480_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26480SQ-AA_NOPB TI1-LM26480SQ-AA_NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480 NSC-LM26480_10 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com