Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27341-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM27341-Q1
Description  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27341-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM27341-Q1 Datasheet HTML 1Page - Texas Instruments LM27341-Q1 Datasheet HTML 2Page - Texas Instruments LM27341-Q1 Datasheet HTML 3Page - Texas Instruments LM27341-Q1 Datasheet HTML 4Page - Texas Instruments LM27341-Q1 Datasheet HTML 5Page - Texas Instruments LM27341-Q1 Datasheet HTML 6Page - Texas Instruments LM27341-Q1 Datasheet HTML 7Page - Texas Instruments LM27341-Q1 Datasheet HTML 8Page - Texas Instruments LM27341-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LM27341, LM27342, LM27341-Q1, LM27342-Q1
www.ti.com
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
AVIN, PVIN
-0.5V to 24V
SW Voltage
-0.5V to 24V
Boost Voltage
-0.5V to 28V
Boost to SW Voltage
-0.5V to 6.0V
FB Voltage
-0.5V to 3.0V
SYNC Voltage
-0.5V to 6.0V
EN Voltage
-0.5V to (VIN + 0.3V)
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
ESD Susceptibility(3)
2kV
Soldering Information
Infrared Reflow (5sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the recommended Operating Ratings is not implied. The recommended Operating Ratings
indicate conditions at which the device is functional and should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
Operating Ratings
(1)
AVIN, PVIN
3V to 20V
SW Voltage
-0.5V to 20V
Boost Voltage
-0.5V to 24V
Boost to SW Voltage
3.0V to 5.5V
Junction Temperature Range
−40°C to +125°C
Thermal Resistance (
θJA) SON
(2)
33°C/W
Thermal Resistance (
θJA) MSOP-PowerPad
(2)
45°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the recommended Operating Ratings is not implied. The recommended Operating Ratings
indicate conditions at which the device is functional and should not be operated beyond such conditions.
(2)
Thermal shutdown will occur if the junction temperature exceeds 165°C. The maximum power dissipation is a function of TJ(MAX) , θJA
and TA . The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) – TA)/θJA . All numbers apply for
packages soldered directly onto a 3” x 3” PC board with 2oz. copper on 4 layers in still air.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1


Similar Part No. - LM27341-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM27341MY NSC-LM27341MY Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341MY NSC-LM27341MY Datasheet
769Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341MYX NSC-LM27341MYX Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Similar Description - LM27341-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341 NSC-LM27341_10 Datasheet
769Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341_14 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM3671 TI-LM3671_15 Datasheet
6Mb / 36P
[Old version datasheet]   LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com