Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34917A Datasheet(PDF) 1 Page - Texas Instruments

Part # LM34917A
Description  Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34917A Datasheet(HTML) 1 Page - Texas Instruments

  LM34917A_15 Datasheet HTML 1Page - Texas Instruments LM34917A_15 Datasheet HTML 2Page - Texas Instruments LM34917A_15 Datasheet HTML 3Page - Texas Instruments LM34917A_15 Datasheet HTML 4Page - Texas Instruments LM34917A_15 Datasheet HTML 5Page - Texas Instruments LM34917A_15 Datasheet HTML 6Page - Texas Instruments LM34917A_15 Datasheet HTML 7Page - Texas Instruments LM34917A_15 Datasheet HTML 8Page - Texas Instruments LM34917A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FB
SW
LM34917A
BST
VCC
ISEN
RON/SD
VIN
C1
SHUT
DOWN
SS
RTN
RON
C6
8V - 33V
Input
C3
C4
L1
D1
R1
R3
R2
C2
VOUT
C7
C8
SGND
LM34917A
www.ti.com
SNOSAX7D – DECEMBER 2007 – REVISED MARCH 2013
LM34917A Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with
Intelligent Current Limit
Check for Samples: LM34917A
1
FEATURES
PACKAGE
2
Functional Input Voltage Range: 8V to 33V
12-Bump DSBGA Package
DSBGA package
DESCRIPTION
Input Over-Voltage Shutdown at
≊35V
The
LM34917A
Step-Down
Switching
Regulator
Transient Capability to 50V
features all the functions needed to implement a low
Integrated N-Channel buck switch
cost,
efficient,
buck
bias
regulator
capable
of
supplying at least 1.25A to the load. To reduce
Valley current limit varies with VIN and VOUT to
excessive switch current due to the possibility of a
reduce excessive inductor current
saturating inductor the valley current limit threshold
On-time is reduced when in current limit
changes with input and output voltages, and the on-
Integrated start-up regulator
time is reduced when current limit is detected. This
buck regulator contains an N-Channel Buck Switch,
No loop compensation required
and is available in the 12 pin DSBGA package. The
Ultra-Fast transient response
constant
on-time
feedback
regulation
scheme
Maximum switching frequency: 2 MHz
requires no loop compensation, results in fast load
transient
response,
and
simplifies
circuit
Operating frequency remains nearly constant
implementation. The operating frequency remains
with load current and input voltage variations
constant with line and load variations due to the
Programmable soft-start
inverse relationship between the input voltage and
Precision internal reference
the on-time. The valley current limit results in a
smooth transition from constant voltage to constant
Adjustable output voltage
current mode when current limit is detected, reducing
Thermal shutdown
the frequency and output voltage, without the use of
foldback. Additional features include: VCC under-
TYPICAL APPLICATIONS
voltage
lock-out,
input
over-voltage
shutdown,
thermal shutdown, gate drive under-voltage lock-out,
High Efficiency Point-Of-Load (POL) Regulator
and maximum duty cycle limit.
Non-Isolated Buck Regulator
Secondary High Voltage Post Regulator
Basic Step Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM34917A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results

Similar Description - LM34917A_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34930 TI1-LM34930 Datasheet
1Mb / 24P
[Old version datasheet]   1A Constant On-Time Buck Switching Regulator with Intelligent Current
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com