Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42744 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE42744
Description  Very Low Current Consumption
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42744 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE42744_14 Datasheet HTML 2Page - Infineon Technologies AG TLE42744_14 Datasheet HTML 3Page - Infineon Technologies AG TLE42744_14 Datasheet HTML 4Page - Infineon Technologies AG TLE42744_14 Datasheet HTML 5Page - Infineon Technologies AG TLE42744_14 Datasheet HTML 6Page - Infineon Technologies AG TLE42744_14 Datasheet HTML 7Page - Infineon Technologies AG TLE42744_14 Datasheet HTML 8Page - Infineon Technologies AG TLE42744_14 Datasheet HTML 9Page - Infineon Technologies AG TLE42744_14 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Data Sheet
6
Rev. 1.2, 2014-07-03
TLE42744
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
4.2
Functional Range
Table 1
Absolute Maximum Ratings1)
T
j = -40 °C to 150 °C; all voltages with respect to ground, (unless otherwise specified)
1) not subject to production test, specified by design
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Input I
Voltage
V
I
-42
45
V
P_4.1.1
Output Q
Voltage
V
Q
-1
40
V
P_4.1.2
Temperature
Junction temperature
T
j
-40
150
°C
P_4.1.3
Storage temperature
T
stg
-50
150
°C
P_4.1.4
ESD Susceptibility
ESD Absorption
V
ESD,HBM
-4
4
kV
Human Body Model
(HBM)2)
2) ESD susceptibility Human Body Model “HBM” according to AEC-Q100-002 - JESD22-A114
P_4.1.5
ESD Absorption
V
ESD,CDM
-1000
1000
V
Charge Device Model
(CDM)3) at all pins
3) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1
P_4.1.6
Table 2
Functional Range
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ. Max.
Input voltage
V
I
5.5
40
V
TLE42744DV50,
TLE42744GV50,
TLE42744EV50
P_4.2.1
Input voltage
V
I
4.7
40
V
TLE42744GV33,
TLE42744DV33,
TLE42744GSV33
P_4.2.2


Similar Part No. - TLE42744_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42744DV33 INFINEON-TLE42744DV33 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLE42744DV50 INFINEON-TLE42744DV50 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLE42744EV50 INFINEON-TLE42744EV50 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLE42744GSV33 INFINEON-TLE42744GSV33 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLE42744GV33 INFINEON-TLE42744GV33 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
More results

Similar Description - TLE42744_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42794 INFINEON-TLE42794_14 Datasheet
1Mb / 32P
   Very low Current Consumption
TLE42754 INFINEON-TLE42754_14 Datasheet
1Mb / 29P
   Very low Current Consumption
logo
ILSI America LLC
ISM36 ILSI-ISM36 Datasheet
125Kb / 2P
   Very Low Current Consumption
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
   Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
New Japan Radio
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
   High Voltage Very low current consumption Io=100mA Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com