Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE42994GM Datasheet(PDF) 12 Page - Infineon Technologies AG

Part No. TLE42994GM
Description  Extreme Low Current Consumption In ON State
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GM Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE42994GM Datasheet HTML 8Page - Infineon Technologies AG TLE42994GM Datasheet HTML 9Page - Infineon Technologies AG TLE42994GM Datasheet HTML 10Page - Infineon Technologies AG TLE42994GM Datasheet HTML 11Page - Infineon Technologies AG TLE42994GM Datasheet HTML 12Page - Infineon Technologies AG TLE42994GM Datasheet HTML 13Page - Infineon Technologies AG TLE42994GM Datasheet HTML 14Page - Infineon Technologies AG TLE42994GM Datasheet HTML 15Page - Infineon Technologies AG TLE42994GM Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Data Sheet
12
Rev. 1.2, 2014-07-03
TLE42994
General Product Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
Table 2
Functional Range
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ. Max.
Input Voltage
V
I
5.5
45
V
P_4.2.1
Output Capacitor’s Requirements
for Stability
C
Q
22
µF
1)
1) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
P_4.2.2
Output Capacitor’s Requirements
for Stability
ESR(C
Q)
––
3
2)
2) relevant ESR value at
f =10kHz
P_4.2.3
Junction Temperature
T
j
-40
150
°C
P_4.2.4


Similar Part No. - TLE42994GM

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994GM INFINEON-TLE42994GM Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994GM

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994V33 INFINEON-TLE42994V33_14 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
Rohm
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
SHANGHAI BELLING CO., LTD.
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
Seiko Instruments Inc
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
RF Micro Devices
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
Seiko Instruments Inc
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
Abracon Corporation
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
Anaren Microwave
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com