Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE42994GM Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE42994GM
Description  Extreme Low Current Consumption In ON State
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GM Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE42994GM Datasheet HTML 20Page - Infineon Technologies AG TLE42994GM Datasheet HTML 21Page - Infineon Technologies AG TLE42994GM Datasheet HTML 22Page - Infineon Technologies AG TLE42994GM Datasheet HTML 23Page - Infineon Technologies AG TLE42994GM Datasheet HTML 24Page - Infineon Technologies AG TLE42994GM Datasheet HTML 25Page - Infineon Technologies AG TLE42994GM Datasheet HTML 26Page - Infineon Technologies AG TLE42994GM Datasheet HTML 27Page - Infineon Technologies AG TLE42994GM Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Data Sheet
24
Rev. 1.2, 2014-07-03
TLE42994
Block Description and Electrical Characteristics
Table 7
Electrical Characteristics Reset Function
V
I = 13.5V, -40°C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin (unless
otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Output Undervoltage Reset
Default Output Undervoltage Reset
Switching Thresholds
V
RT
4.5
4.65
4.8
V
V
Q decreasing
P_5.7.1
Output Undervoltage Reset Threshold Adjustment
Reset Adjust
Switching Threshold
V
RADJ,th
1.26
1.36
1.44
V
3.5 V ≤
V
Q < 5 V
P_5.7.2
Reset Adjustment Range1)
1)
V
RT is scaled linearly, in case the Reset Switching Threshold is modified
V
RT,range
3.50
4.65
V
P_5.7.3
Reset Output RO
Reset Output Low Voltage
V
RO,low
–0.1
0.4
V
1 V ≤
V
Q VRT
no external
R
RO,ext
P_5.7.4
Reset Output Internal
Pull-up Resistor to
V
Q
R
RO
10
20
40
kΩ
P_5.7.5
Optional Reset Output External
Pull-up Resistor to
V
Q
R
RO,ext
5.6
kΩ
1V ≤
V
Q VRT ;
V
RO ≤ 0.4 V
P_5.7.6
Reset Delay Timing
Delay Pin Output Voltage
V
D
5
V
P_5.7.7
Power On Reset Delay Time
t
rd
17
28
35
ms
C
D = 100 nF
Calculated Value:
t
rd = CD * VDU / ID,ch
P_5.7.8
Upper Delay
Switching Threshold
V
DU
1.85
V
P_5.7.9
Lower Delay
Switching Threshold
V
DL
0.50
V
P_5.7.10
Delay Capacitor
Charge Current
I
D,ch
–8.0
–µA
V
D = 1 V
P_5.7.11
Delay Capacitor
Reset Discharge Current
I
D,dch
70
mA
V
D = 1 V
P_5.7.12
Delay Capacitor
Discharge Time
t
rr, d
–1.9
3µs
Calculated Value:
t
rr, d = CD*(VDU - VDL)/
I
D,dch
C
D = 100 nF
P_5.7.13
Internal Reset Reaction Time
t
rr, int
–14
20
µs
C
D = 0 nF
2)
2) parameter not subject to production test; specified by design
P_5.7.14
Reset Reaction Time
t
rr, total
15.9
23
µs
Calculated Value:
t
rr, total = trr, int + trr,d
C
D = 100 nF
P_5.7.15


Similar Part No. - TLE42994GM

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994GM INFINEON-TLE42994GM Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994GM

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994V33 INFINEON-TLE42994V33_14 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
Rohm
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
SHANGHAI BELLING CO., LTD.
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
Seiko Instruments Inc
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
RF Micro Devices
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
Seiko Instruments Inc
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
Abracon Corporation
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
Anaren Microwave
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com