Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994GM Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE42994GM
Description  Extreme Low Current Consumption In ON State
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GM Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE42994GM Datasheet HTML 21Page - Infineon Technologies AG TLE42994GM Datasheet HTML 22Page - Infineon Technologies AG TLE42994GM Datasheet HTML 23Page - Infineon Technologies AG TLE42994GM Datasheet HTML 24Page - Infineon Technologies AG TLE42994GM Datasheet HTML 25Page - Infineon Technologies AG TLE42994GM Datasheet HTML 26Page - Infineon Technologies AG TLE42994GM Datasheet HTML 27Page - Infineon Technologies AG TLE42994GM Datasheet HTML 28Page - Infineon Technologies AG TLE42994GM Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
TLE42994
Block Description and Electrical Characteristics
Data Sheet
25
Rev. 1.2, 2014-07-03
5.7
Typical Performance Characteristics Reset
Undervoltage Reset Switching Threshold
V
RT
versus Junction Temperature
T
j
Power On Reset Delay Time
t
rd versus
Junction Temperature
T
j
Internal Reset Reaction Time
t
rr,int versus
Junction Temperature
T
j
Delay Capacitor Discharge Time
t
rr,d versus
Junction Temperature
T
j
11_VRT_TJ.VSD
4,4
4,5
4,6
4,7
4,8
4,9
5
-40
0
40
80
120
160
T j [°C]
12_TRD_TJ.VSD
0
5
10
15
20
25
30
-40
10
60
110
160
T j [°C]
C
D = 100 nF
13_TRRINT_TJ.VSD
0
5
10
15
20
25
-40
10
60
110
160
T j [°C]
14_TRRD_TJ.VSD
0
0,5
1
1,5
2
2,5
-40
10
60
110
160
T j [°C]


Similar Part No. - TLE42994GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994GM INFINEON-TLE42994GM Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994GM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994V33 INFINEON-TLE42994V33_14 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com