Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994E Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42994E
Description  Extreme Low Current Consumption In ON State
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994E Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42994E Datasheet HTML 1Page - Infineon Technologies AG TLE42994E Datasheet HTML 2Page - Infineon Technologies AG TLE42994E Datasheet HTML 3Page - Infineon Technologies AG TLE42994E Datasheet HTML 4Page - Infineon Technologies AG TLE42994E Datasheet HTML 5Page - Infineon Technologies AG TLE42994E Datasheet HTML 6Page - Infineon Technologies AG TLE42994E Datasheet HTML 7Page - Infineon Technologies AG TLE42994E Datasheet HTML 8Page - Infineon Technologies AG TLE42994E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Type
Package
Marking
TLE42994G
PG-DSO-8
42994G
TLE42994GM
PG-DSO-14
42994GM
TLE42994E
PG-SSOP-14 exposed pad
42994E
PG-DSO-8
PG-DSO-14
PG-SSOP-14 exposed pad
Data Sheet
2
Rev. 1.2, 2014-07-03
Low Dropout Fixed Voltage Regulator
TLE42994
1Overview
Features
Output Voltage 5 V ± 2%
Ouput Current up to 150 mA
Extreme Low Current Consumption In ON State
Enable Function: Below 1 µA Current Consumption In OFF State
Early Warning
Power-on and Undervoltage Reset with Programmable Delay Time
Reset Low Down to
V
Q = 1 V
Adjustable Reset Threshold
Very Low Dropout Voltage
Output Current Limitation
Reverse Polarity Protection
Overtemperature Protection
Suitable for Use in Automotive Electronics
Wide Temperature Range from -40 °C up to 150 °C
Input Voltage Range from -42 V to 45 V
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE42994 is a monolithic integrated low dropout voltage regulator,
especially designed for automotive applications that need to be in ON
state during the car’s engine is turned off. An input voltage up to 45 V
is regulated to an output voltage of 5.0 V. The component is able to
drive loads up to 150 mA. It is short-circuit protected by the
implemented current limitation and has an integrated overtemperature
shutdown. A reset signal is generated for an output voltage
V
Q,rt of
typically 4.65 V. This threshold can be decreased by an external


Similar Part No. - TLE42994E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994E INFINEON-TLE42994E Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994EV33 INFINEON-TLE42994EV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42994EV33 INFINEON-TLE42994EV33 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994V33 INFINEON-TLE42994V33_14 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
   Very Low Current Consumption in Sleep Mode
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com