Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE42994GMV33 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part No. TLE42994GMV33
Description  Extreme Low Current Consumption In ON State
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GMV33 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE42994GMV33 Datasheet HTML 8Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 9Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 10Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 11Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 12Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 13Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 14Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 15Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Data Sheet
12
Rev. 1.1, 2014-07-03
TLE42994V33
Block Description and Electrical Characteristics
5
Block Description and Electrical Characteristics
5.1
Voltage Regulator
The output voltage
V
Q is controlled by comparing a portion of it to an internal reference and driving a PNP pass
transistor accordingly. The control loop stability depends on the output capacitor
C
Q, the load current, the chip
temperature and the poles/zeros introduced by the integrated circuit. To ensure stable operation, the output
capacitor’s capacitance and its equivalent series resistor ESR requirements given in the table “Functional
Range” on Page 10 have to be maintained. For details see also the typical performance graph “Output
Capacitor Series Resistor ESR(CQ) versus Output Current IQ” on Page 15. As the output capacitor also has
to buffer load steps it should be sized according to the application’s needs.
An input capacitor
C
I is strongly recommended to compensate line influences. Connect the capacitors close to the
component’s terminals.
A protection circuitry prevents the IC as well as the application from destruction in case of catastrophic events.
These safeguards contain an output current limitation, a reverse polarity protection as well as a thermal shutdown
in case of overtemperature.
To avoid excessive power dissipation that could never be handled by the pass element and the package, the
maximum output current is decreased at input voltages above
V
I =22V.
The overtemperature shutdown circuit prevents the IC from immediate destruction under fault conditions (e.g.
output continuously short-circuited) by switching off the power stage. After the chip has cooled down, the regulator
restarts. This leads to an oscillatory behaviour of the output voltage until the fault is removed. However, junction
temperatures above 150 °C are outside the maximum ratings and therefore significantly reduce the IC’s lifetime.
The TLE42994V33 allows a negative supply voltage. In this fault condition, small currents are flowing into the IC,
increasing its junction temperature. This has to be considered for the thermal design, respecting that the thermal
protection circuit is not operating during reverse polarity conditions.
Figure 4
Voltage Regulator
Bandgap
Reference
GND
Q
I
BlockDiagram_VoltageRegulator.vsd
Saturation Control
Current Limitation
Temperature
Shutdown
CQ
ESR
C
}
LOAD
Supply
C
I
Regulated
Output Voltage
I
Q
I
I


Similar Part No. - TLE42994GMV33

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results

Similar Description - TLE42994GMV33

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994 INFINEON-TLE42994_14 Datasheet
1Mb / 36P
   Extreme Low Current Consumption In ON State
Rohm
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
SHANGHAI BELLING CO., LTD.
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
Seiko Instruments Inc
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
RF Micro Devices
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
Seiko Instruments Inc
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
Abracon Corporation
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
Anaren Microwave
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com