Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TLE42994GMV33 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part No. TLE42994GMV33
Description  Extreme Low Current Consumption In ON State
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994GMV33 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE42994GMV33 Datasheet HTML 9Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 10Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 11Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 12Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 13Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 14Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 15Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 16Page - Infineon Technologies AG TLE42994GMV33 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TLE42994V33
Block Description and Electrical Characteristics
Data Sheet
13
Rev. 1.1, 2014-07-03
Table 4
Electrical Characteristics Voltage Regulator
V
I = 13.5V, -40°C ≤ Tj ≤ 150 °C, all voltages with respect to ground, positive current flowing into pin (unless
otherwise specified)
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min. Typ.
Max.
Output Voltage
V
Q
3.23 3.30
3.37
V
100 µA <
I
Q < 100 mA
5.5 V
< V
I < 18 V
P_5.1.1
Output Voltage
V
Q
3.20 3.30
3.40
V
100 µA <
I
Q < 150 mA
5.5 V
< V
I < 18 V
P_5.1.2
Output Current Limitation
I
Q,max
150
400
500
mA
1)
1) measured when the output voltage
V
Q has dropped 100mV from the nominal value obtained at 13.5V
P_5.1.3
Load Regulation
steady-state
V
Q, load -30
-5
mV
I
Q = 1mA to 100mA
V
I = 6 V
P_5.1.4
Line Regulation
steady-state
V
Q, line
1025mV
V
I = 6 V to 32 V
I
Q = 1 mA
P_5.1.5
Overtemperature Shutdown
Threshold
T
j,sd
151
200
°C
T
j increasing
2)
2) not subject to production test, specified by design
P_5.1.6
Overtemperature Shutdown
Threshold Hysteresis
T
j,sdh
–15
°C
T
j decreasing
2)
P_5.1.7
Power Supply Ripple Rejection
PSRR
–66
dB
f
ripple = 100 Hz
V
ripple = 1 Vpp
I
Q = 100 mA
P_5.1.8


Similar Part No. - TLE42994GMV33

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994GMV33 INFINEON-TLE42994GMV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results

Similar Description - TLE42994GMV33

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
TLE42994 INFINEON-TLE42994_14 Datasheet
1Mb / 36P
   Extreme Low Current Consumption In ON State
Rohm
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
SHANGHAI BELLING CO., LTD.
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
Seiko Instruments Inc
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
RF Micro Devices
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
Seiko Instruments Inc
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
Abracon Corporation
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
Anaren Microwave
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com